Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IP178A
Description  8-Port 10/100 Ethernet Integrated Switch
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP178A Datasheet HTML 9Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 10Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 11Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 12Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 13Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 14Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
(Advance Version)
IP178A
PIN Description (continued)
Pin no.
Label
Type
Description
Advance operation parameter setting of switch
156
P6_7_HIGH
IPL/O Port6 port7 are set to be high priority port
Packets received from port6 or port7 are handled as high priority packets if the
function is enabled.
1: enable,
0: disabled (default)
It is an input signal during reset and its value is latched at the end of reset to set
high priority port. It is link LED of port 0 after reset if LED direct mode is
selected.
155
COS_EN
IPL/O Class of service enable
Packets with high priority tag are handled as high priority packets if the function
is enabled.
1: enable,
0: disabled (default)
It is an input signal during reset and its value is latched at the end of reset to set
CoS. It is link LED of port 1 after reset if LED direct mode is selected.
115
VLAN_ON
IPL/O VLAN enable
Enable a specified configuration of port base VLAN. It is an input signal during
reset and its value is latched at the end of reset to set VLAN. It is full duplex
LED of port 3 after reset if LED direct mode is selected.
0: disabled (default),
1: enable
IP178A are separated into 7 VLANs if this function is enabled. The VLAN group
is as follows,
VLAN 1: port0, port 7
VLAN 2: port 1, port 7
VLAN 3: port 2, port 7
VLAN 4: port 3, port 7
VLAN 5: port 4, port 7
VLAN 6: port 5, port 7
VLAN 7: port 6, port 7
The configuration can be updated by programming EEPROM register. Please
refer to EEPROM register 07h~0Ah for detail information.
Preliminary, Specification subject to change without notice 13
IP178A-DS-P05
Sep. 09, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com