Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP178A Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IP178A
Description  8-Port 10/100 Ethernet Integrated Switch
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178A Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IP178A Datasheet HTML 15Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 16Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 17Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 18Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 19Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 20Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 21Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 22Page - List of Unclassifed Manufacturers IP178A Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
(Advance Version)
IP178A
IEEE 802.3x
The IEEE 802.3x is used for flow control in full duplex
mode if both IP178A (X_en=1) and the remote station
have IEEE802.3x capability. When the level of occupied
buffer of a port is over set threshold, it will send a
PAUSE frame with maximum delay FFFF. The remote
station will stop to transmit the next packet after
receiving the PAUSE frame. After level of the occupied
buffer is below release threshold, the port sends out a
PAUSE frame with zero delay to resume receiving the
incoming packets. The remote station is re-enable to
transmit packets after receiving the PAUSE frame with
zero delay. While level of the occupied buffer of a port is
over set threshold, IP178A re-transmits the PAUSE
frame with maximum delay to ensure the pause timer of
the remote station does not expire and begins
transmission. The IPG between PAUSE frames is
42ms(100M) or 420ms(10M).
When an incoming PAUSE frame with non-zero delay is
received, the port stops the next frame transmission and
starts its pause timer. It is re-enabled transmission
function either the pause timer is expired or a PAUSE
frame with zero delay is received. If another pause frame
is received before the timer expires, the timer will be
updated with the new value. During this period, only
PAUSE frame from IP178A will be transmitted.
PAUSE Frame Format
Destination
Source
Type
Opcode
Pause Timer
Pad
CRC
01-80-C2-00-00-01
SA
8808
0001
FFFF(0000)
PAD with zero
CRC
6 bytes
6 bytes
2 bytes
2bytes
2 bytes
42 bytes
4 bytes
Preliminary, Specification subject to change without notice 19
IP178A-DS-P05
Sep. 09, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com