Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39102CS2.5 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS39102CS2.5
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39102CS2.5 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS39102CS2.5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS39100/1/2/3
2-10
2004/06 rev. E
Operating Rating (Note 2)
Operation Input Voltage
Vin (operate)
+2.25 ~ +16
V
Operation Enable Voltage
Ven (operate)
+2.25 ~ +16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Electrical Characteristics
Vin = Vout + 1V, Venable= 2.25V, Tj = 25
oC, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
IL=10mA
0.990|Vo|
1.010|Vo|
Output Voltage
10mA
≤ IL ≤ 1.0A,
Vo+1V
≤ Vin ≤ 8V
0.980|Vo|
Vout
1.020|Vo|
V
Line Regulation
IL=10mA, Vo+1V ≤Vin≤ 16V
--
0.05
0.5
%
Load Regulation
Vin=Vout+1V, 10mA
≤IL≤1A
--
0.2
1.0
%
Output Voltage Temp. Coefficient
--
40
100
ppm/
oC
Dropout Voltage (Note 5)
∆Vout= -1%
IL=100mA
IL=500mA
IL=750mA
IL=1.0A
--
--
--
--
100
275
350
400
250
500
630
mV
Quiescent Current (Note 6)
Vin=Vout+1V
IL=100mA
IL=500mA
IL=750mA
IL=1.0A
--
--
--
--
0.7
4.0
7.0
12.0
--
--
--
20
mA
Current Limited
Vout=0, Vin=Vout+1V
--
1.8
2.5
A
Reference (TS39102)
Reference Voltage
0.980|Vo|
1.020|Vo|
Reference Voltage
(Note 7)
0.970|Vo|
1.24
1.030|Vo|
V
Adjust Pin Bias Current
--
40
120
nA
Reference Voltage Temp. Coefficient
(Note 8)
--
20
--
ppm/
oC
Adjust Pin Bias Current Temp.
Coefficient
--
0.1
--
nA/
oC
Flag Output (TS39101)
Output Leakage Current
VOH=16V
--
--
2
uA
Output Low Voltage (Note 9)
Vin=0.9 * Vout, IOL=250uA
--
--
400
mV
Upper Threshold Voltage
% of Vout
--
--
99
%
Lower Threshold Voltage
% of Vout
93
--
--
%
Hysteresis
--
1
--
%
Enable Input (TS39101 / 2 / 3)
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.25
--
--
V
Ven=2.25V
--
--
75
Enable Pin Input Current
Ven=0.8V
--
--
4
uA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com