Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39102CS2.5 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS39102CS2.5
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39102CS2.5 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39102CS2.5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS39100/1/2/3
1-10
2004/06 rev. E
TS39100/1/2/3
1.0A Ultra Low Dropout Positive Voltage Regulator
Low Dropout Voltage 0.4V (typ.)
Enable Input Control
Adjustable Output
Error Flag Detection
General Description
The TS39100/1/2/3 series are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output
from an extremely small package. These regulator offers extremely low dropout (typically 400mV at 1A) and very low
ground current (typically 12mA at 1A).
The TS39100/1/2/3 series are fully protected against over current faults, reversed input polarity, reversed lead insertion,
over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which
signals whenever the output falls out of regulation.
On the TS39101/2/3, the enable pin may be tied to Vin if it is not required for enable control. This series are offered in
3-pin SOT-223 (TS39100), 8-pin SOP (TS39101/2) and 5-pin TO-252 (TS39103) package.
Features
Dropout voltage typically 0.4V @Io=1.0A
Output current up to 1.0A
Low ground current
Output voltage trimmed before assembly
Extremely fast transient response
Reversed leakage protection
Reverse battery protection
Error flag signals output out of regulation
Internal current limit
Thermal shutdown protection
Ordering Information
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V, 1.8V and 1.5V. Leave blank for
adjustable version (only TS39103). Contact to
factory for addition output voltage option.
Part No.
Operating Temp.
(Junction)
Package
TS39100CWxx
SOT-223
TS39100CPxx
TO-252
TS39101CSxx
TS39102CS
SOP-8
TS39103CP5xx
-40 ~ +125
oC
TO-252-5L
Applications
Battery power equipment
LDO linear regulator for PC add-in cards
PowerPC
TM power supplies
Multimedia and PC processor supplies
High efficiency linear power supplies
High efficiency post regulator for switching supply
Low-voltage microcontrollers and digital logic
SMPS post regulator
Absolute Maximum Rating (Note 1)
Supply Voltage
Vin
-20V ~ +20
V
Enable Voltage
Ven
+20
V
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)


Similar Part No. - TS39102CS2.5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39102CS TSC-TS39102CS Datasheet
593Kb / 13P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39102CSRL TSC-TS39102CSRL Datasheet
568Kb / 9P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Similar Description - TS39102CS2.5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
1.0A Ultra Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117 ORISTER-RS1117 Datasheet
391Kb / 10P
1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-XX IKSEMICON-IL1117-XX Datasheet
1,017Kb / 10P
1.0A Low Dropout Positive Voltage Regulator
IL2940CT-XX IKSEMICON-IL2940CT-XX Datasheet
270Kb / 9P
1.0A Low Dropout Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
KK1117-1.25 KODENSHI-KK1117-1.25 Datasheet
196Kb / 4P
1.0A Low Dropout Positive Voltage Regulator
logo
Orister Corporation
RS1117A ORISTER-RS1117A Datasheet
867Kb / 13P
1.0A Low Dropout Positive Voltage Regulator
RS7805AJ ORISTER-RS7805AJ Datasheet
794Kb / 12P
1.0A Low Dropout Positive Voltage Regulator
logo
Princeton Technology Co...
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
1.0A Low Dropout Positive Voltage Regulator
RS7805 PTC-RS7805 Datasheet
113Kb / 2P
1.0A Low Dropout Positive Voltage Regulator
logo
IK Semicon Co., Ltd
IL1117-X IKSEMICON-IL1117-X Datasheet
237Kb / 6P
1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com