Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39102CS2.5 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS39102CS2.5
Description  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39102CS2.5 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS39102CS2.5 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39102CS2.5 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS39100/1/2/3
3-10
2004/06 rev. E
Thermal Performance
Condition
Package type
Typ
Unit
SOT-223
15
SOP-8
20
Thermal Resistance
Junction to Ambient
TO-252
25
oC/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: The device is not guaranteed to operate outside its operating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the junction to
ambient thermal resistance, θja, and the ambient temperature, Ta. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The effective
value of θja can be reduced by using a heatsink, Pd(max) = (Tj(max) – Ta) / Θja.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its
nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the
ground pin current and output load current, Iin = Ignd + Iout.
Note 7: Vref
≤ Vout ≤ (Vin – 1V), 2.25V ≤ Vin ≤ 16V, 10mA ≤ IL ≤ 1.0A.
Note 8: Output voltage temperature coefficient is ∆Vout (worse cast) / (Tj(max) - Tj(min)) where is Tj(max) +125
oC and
Tj(min) is 0
oC.
Note 9: For adjustable device and fiexed device with Vout > 2.25V.
Block Diagram
TS39100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com