Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6380PPR Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6380PPR
Description  Low-power, high-efficiency synchronous boost converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6380PPR Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM6380PPR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7 of 1
3
电特性(接上一页)
除非特别说明,
CIN =10uF,COUT =22uF,L1 =3.3uH,TA=25oC
参数
符号
测试条件
最小值
典型值
最大值 单位
振荡特性
最高工作频率
FMAX
1.2
MHz
最大振荡占空比
DOSC
85
%
功率管特性
开关管导通电阻
RDS(ON)_LS
0.1
Ω
同步管导通电阻
RDS(ON)_HS
0.5
Ω
开关管电流限值
ILIMIT
1.5
1.7
1.9
A
HM6380
低功耗、高效率同步升压变换器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com