Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6380PPR Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6380PPR
Description  Low-power, high-efficiency synchronous boost converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6380PPR Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6380PPR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6380PPR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HM6380
低功耗、高效率同步升压变换器
1 of 1
3
典型应用电路图
图
1:
HM6380 典型应用电路图
概述
HM6380 是一款具有仅 6uA 静态电流
的同步升压变换器。
HM6380 在 PFM 的基础上采用了自主
的专利技术,一方面消除了变换器输出电
容
ESR 对稳定性的影响,提高了输出电压
的稳态精度;另一方面,使系统的工作频
率高达
1.2MHz,同时又能保持超低的静
态电流,实现最高的效率。
HM6380 输出电压可以进行内部调
节,实现从
1.8V 至 5.0V 的固定输出电压,
调节步进为
0.1V。
HM6380 仅需三个外围元件即可达到
所需输出电压,并支持小型的外部电感器
和输出电容器。
HM6380 采用肖特基二极管也可支持
高输出电流应用。
HM6380 采用 SOT23、SOT23-5 和
SOT89-3 封装。
特点
 最高效率:
95%
 最高工作频率:
1.2MHz
 超低启动电压:
0.65V@Io=1mA
VOUT 脚静态电流:6uA@VOUT=3.4V
VIN 输入静态电流:12uA@VIN=1.8V
 输出电压可选:
1.8V~5.0V@step=0.1V
 输出电压精度:±
2.5%
 宽输入电压范围:
0.65V~5.0V
 低纹波,低噪声:±
10mV@Io=50mA
应用领域
1~3 节碱性电池或镍氢电池供电应用
 电子词典、数码相机、
LED 手电筒、
LED 灯、血压计、MP3、遥控玩具
 无线耳机、无线鼠标键盘、防丢器、汽
车防盗器、充电器、
VCR、PDA 等手
持电子设备
HM6380


Similar Part No. - HM6380PPR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
Synchronous step-up DC/DC Converter
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
More results

Similar Description - HM6380PPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
LOW-POWER SYNCHRONOUS BOOST CONVERTER
logo
Monolithic Power System...
EV3908DK-00B MPS-EV3908DK-00B Datasheet
260Kb / 5P
High Efficiency Synchronous Boost Converter EV Board
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
HM5175 HMSEMI-HM5175 Datasheet
754Kb / 11P
500kHz 6A High Efficiency Synchronous PWM Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com