Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM8024B Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8024B
Description  Single touch dual output LED color temperature dimming IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8024B Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8024B Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024B Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024B Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8024B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
规格书
6. 电气参数
6.1 电气特性极限参数
表
3 极限参数
参数
标号
条件
范围
单位
供电电压
VDD
-
-0 to +6.0
V
输入电压
VI
所有
I/O口
-0.3 to VDD + 0.3
V
工作温度
TA
-
-20 to + 70
℃
储藏温度
TSTG
-
-40 to + 125
℃
6.2
直流特性
表
4 直流特性(如无特殊说明 VDD = 2.4V~5.5V,Temp = 25ºC)
参数
标号
条件
最小值
典型值
最大值
单位
工作电压
VDD
2.4
5.5
V
输入高电压阈值
VIH
0.75VDD
V
输入低电压阈值
VIL
0.25 VDD
V
输出
Source 电流
IOH_SO
VDD=5V, VOH=9/10VDD
-4.5
mA
VDD=5V, VOH=2/3VDD
-12
mA
输出
Sink 电流
IOH_SO
VDD=5V, VOL=1/10VDD
12
mA
VDD=5V, VOL=1/3VDD
28
mA
待机电流
ISB
VDD=5V,Cmod=10nF
9
uA
VDD=3V,Cmod=10nF
6.5
PWM 输出频率
FPWM
20
KHz
HM8024B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com