Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPB8917DT0AG Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LPB8917DT0AG
Description  P-Channel 150-V (D-S) MOSFET Low RDS(on) trench technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LPB8917DT0AG Datasheet(HTML) 2 Page - Leshan Radio Company

  LPB8917DT0AG Datasheet HTML 1Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 2Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 3Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 4Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 5Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LPB8917DT0AG
P-Channel 150-V (D-S) MOSFET
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Leshan Radio Company, LTD.
2/6
Gate Threshold Voltage
(VDS =VGS , ID =-250μA)
Gate Leakage Current
(VDS =0V, VGS =±20V)
Zero Gate Voltage Drain Current
(VDS = -120 V, VGS = 0 V)
(VDS = -120 V, VGS = 0 V, TJ = 55°C)
Drain-Source On-Resistance(Note 3)
(VGS = -10 V, ID = -3 A)
(VGS = -6.5 V, ID = -2 A)
Diode Forward Voltage (Note 3)
(IS = -2.1 A, VGS = 0 V)
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Gate-Resistance
(VDS=0V,VGS=0V,f=1MHz)
3.Pulse test: PW ≤ 300us duty cycle ≤ 2%.
4.Guaranteed by design, not subject to production testing.
Rg
Ω
-
3
-
pF
Coss
-
40
-
Crss
-
30
-
ns
tr
-
5
-
td(off)
-
37
-
tf
(VDS = -30 V, RL
= 7.5 Ω,ID = -4
A,VGEN = -10 V,
RGEN = 6 Ω)
td(on)
-
7
-
-
14
-
(VDS = -15 V,
VGS = 0 V, f = 1
MHz)
Ciss
-
659
-
Dynamic(Note 4)
(VDS=-
30V,VGS=-
10V,ID=-4A)
Qg
-
10
-
nC
Qgs
-
2.8
-
Qgd
-
2.7
-
VSD
V
-
-0.83
-
RDS(ON)
Ω
-
-
0.75
-
-
0.9
-
-
-10
IGSS
-
-
±100
IDSS
µA
-
-
-1
Static
VGS(th)
V
-2
-
Characteristic
Symbol
Min.
Typ.
Max.
Unit
(VGS = 0, ID = -250μA)
V
-150
-
-
VBRDSS
Drain–Source Breakdown Voltage
Rev.D Jun. 2020
nA
-4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com