Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPB8917DT0AG Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LPB8917DT0AG
Description  P-Channel 150-V (D-S) MOSFET Low RDS(on) trench technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LPB8917DT0AG Datasheet(HTML) 1 Page - Leshan Radio Company

  LPB8917DT0AG Datasheet HTML 1Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 2Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 3Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 4Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 5Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1. FEATURES
●
Low RDS(on) trench technology
●
Low thermal impedance
●
Fast switching speed
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
2. APPLICATIONS
●
Load Switches
●
DC/DC Conversion
●
Motor Drives
3. DEVICE MARKING AND ORDERING INFORMATION
4. MAXIMUM RATINGS(Ta = 25ºC)
5. THERMAL CHARACTERISTICS
1.Surface Mounted on 1” x 1” FR4 Board.
2.Pulse width limited by maximum junction temperature
Maximum Junction-to-Ambient (Note1)
t ≤10 s
RθJA
45
℃/W
Steady State
95
1.6
Operating Junction and Storage Temperature Range
TJ,Tstg
-55~+150
℃
Parameter
Symbol
Limits
Unit
Avalanche Energy(L=0.1mH)
EAS
9
mJ
Power Dissipation (Note1)
TA = 25℃
PD
2.4
W
TA = 70℃
IS
-0.5
Avalanche Current(L=0.1mH)
IAS
-8
±20
Continuous Drain Current (Note1)
TA = 25℃
ID
-3
LPB8917DT0AG
P-Channel 150-V (D-S) MOSFET
Device
Marking
Shipping
LPB8917DT0AG
A17
2000/Tape&Reel
A
TA = 70℃
-1.8
Pulsed Drain Current (Note2)
IDM
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-150
V
Gate-Source Voltage
VGS
-12
Continuous Source Current (Diode Conduction) (Note1)
Leshan Radio Company, LTD.
1/6
DFN3333-8A
Rev.D Jun. 2020


Similar Part No. - LPB8917DT0AG

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPB8040 ABCO-LPB8040 Datasheet
116Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPB8040T-100M ABCO-LPB8040T-100M Datasheet
116Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPB8040T-150M ABCO-LPB8040T-150M Datasheet
116Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPB8040T-1R0N ABCO-LPB8040T-1R0N Datasheet
116Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPB8040T-1R5N ABCO-LPB8040T-1R5N Datasheet
116Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPB8917DT0AG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP8233DT1AG LRC-LP8233DT1AG Datasheet
701Kb / 5P
P-Channel 20-V (D-S) MOSFET Low RDS(on) trench technology
LPB8337DT0AG LRC-LPB8337DT0AG Datasheet
626Kb / 6P
P-Channel 30-V (D-S) MOSFET Low RDS(on) trench technology.
LPB8615DT0AG LRC-LPB8615DT0AG Datasheet
269Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
S-LPB8615DT0AG LRC-S-LPB8615DT0AG Datasheet
275Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
S-LPB8619DT0AG LRC-S-LPB8619DT0AG Datasheet
524Kb / 6P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
LP4433T1G LRC-LP4433T1G Datasheet
567Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4435T1G LRC-LP4435T1G Datasheet
591Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4437T1G LRC-LP4437T1G Datasheet
495Kb / 5P
P-Channel 30-V (D-S) MOSFET Low rDS(on) trench technology
LP4565T1G LRC-LP4565T1G Datasheet
393Kb / 3P
P-Channel 60-V (D-S) MOSFET Low rDS(on) trench technology
LPB2680LT1G LRC-LPB2680LT1G Datasheet
912Kb / 5P
P-Channel 60-V (D-S) MOSFET Low RDS(on) trench technology
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com