Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPB8917DT0AG Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LPB8917DT0AG
Description  P-Channel 150-V (D-S) MOSFET Low RDS(on) trench technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LPB8917DT0AG Datasheet(HTML) 3 Page - Leshan Radio Company

  LPB8917DT0AG Datasheet HTML 1Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 2Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 3Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 4Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 5Page - Leshan Radio Company LPB8917DT0AG Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
2
3
4
5
0
1
2
3
4
5
0
1
2
3
4
5
0
1
2
3
4
5
0
1
2
3
4
5
P-Channel 150-V (D-S) MOSFET
7.ELECTRICAL CHARACTERISTICS CURVES
VGS=10V,9V,7V
5V
4V
VDS=10V
-55
℃
25
℃
150
℃
25
℃
-55
℃
VGS=6.5V
VGS=10V
150
℃
Leshan Radio Company, LTD.
3/6
VGS(V)
VDS(V)
ID vs. VDS
ID vs. VGS
ID(A)
VSD(V)
IS vs. VSD
RDS(on) vs. ID
LPB8917DT0AG
Rev.D Jun. 2020



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com