Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WSQ Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # BAV20WSQ
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BAV20WSQ Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  BAV20WSQ Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV19WSQ THRU BAV21WSQ
 
 
3 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S1927
Rev.1.2,21-Mar-19
www.21yangjie.com
■ Characteristics (Typical)
■ Outline Dimensions
MIN
MAX
MIN
MAX
A
-
0.039
-
1.00
A1
0.000
0.004
0.00
0.10
A2
0.031
0.035
0.80
0.90
b
0.010
0.016
0.25
0.40
c
0.003
0.007
0.08
0.17
D
0.047
0.055
1.20
1.40
E
0.063
0.071
1.60
1.80
E1
0.098
0.106
2.50
2.70
L
L1
0.008
0.016
0.20
0.40
θ
0°
8°
0°
8°
DIM
INCHES
MM
NOTE
0.475REF
0.019REF
■ Soldering Footprint
 
Unit:inch
mm 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com