Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WSQ Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # BAV20WSQ
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BAV20WSQ Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  BAV20WSQ Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV19WSQ THRU BAV21WSQ
 
 
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S1927
Rev.1.2,21-Mar-19
www.21yangjie.com
■ Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
CONDITIONS
MIN
MAX
Reverse Voltage
VR
V
BAV19WSQ
IR=100uA
100
BAV20WSQ
IR=100uA
150
BAV21WSQ
IR=100uA
200
Forward Voltage
VF
V
IF=100mA
1.0
IF=200mA
1.25
Reverse Current
IR
μA
BAV19WSQ
VR=100V
0.1
BAV20WSQ
VR=150V
0.1
BAV21WSQ
VR=200V
0.1
Diode Capacitance
CD
pF
VR=VF=0V, f =1MHZ
5
Reverse Recovery Time
trr
ns
IF=30mA,Irr=0.1IR,RL=100Ω
50
■ Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
BAV19WSQ THRU
BAV21WSQ
F2
Approximate 0.0045
3000
30000
120000
7” reel
■ Characteristics (Typical)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com