Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WSQ Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # BAV20WSQ
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

BAV20WSQ Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  BAV20WSQ Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd BAV20WSQ Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19WSQ THRU BAV21WSQ
 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S1927
Rev.1.2,21-Mar-19
www.21yangjie.com
Small Signal Switching Diodes
Features
● Epoxy meets UL-94 V-0 flammability rating and halogen free
● Moisture Sensitivity Level 1
● VRRM 120V to 250V
● IFAV 200mA
● Part no. with suffix “Q” means AEC-Q101 qualified
Applications
● General Purpose Switches Diodes
Mechanical Data
● Case: SOD323
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: Cathode line denotes the cathode end
● Marking:
■ Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
CONDITIONS
PART
VALUE
Reverse Voltage
VR
V
BAV19WSQ
100
BAV20WSQ
150
BAV21WSQ
200
Repetitive Peak Reverse Voltage
VRRM
V
BAV19WSQ
120
BAV20WSQ
200
BAV21WSQ
250
Average Forward Current
IFAV
mA
200
Non-Repetitive Peak Forward Surge Current
IFSM
A
tp<10ms
1.7
Power Dissipation
Ptot
mW
250
Thermal Resistance Junction to Ambient
RthJA
K/W
500
Maximum Junction Temperature
Tj
℃
150
Storage Temperature Range
Tstg
℃
-55 to +150
Marking
BAV19WSQ
A8
BAV20WSQ
T2
BAV21WSQ
T3
COMPLIANT
RoHS
SOD323


Similar Part No. - BAV20WSQ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV20WS DIODES-BAV20WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV20WSQ

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com