Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE17RAMU Datasheet(PDF) 2 Page - Schneider Electric

Part # RE17RAMU
Description  RE17RAMU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RE17RAMU Datasheet(HTML) 2 Page - Schneider Electric

  RE17RAMU Datasheet HTML 1Page - Schneider Electric RE17RAMU Datasheet HTML 2Page - Schneider Electric RE17RAMU Datasheet HTML 3Page - Schneider Electric RE17RAMU Datasheet HTML 4Page - Schneider Electric RE17RAMU Datasheet HTML 5Page - Schneider Electric RE17RAMU Datasheet HTML 6Page - Schneider Electric RE17RAMU Datasheet HTML 7Page - Schneider Electric RE17RAMU Datasheet HTML 8Page - Schneider Electric RE17RAMU Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Screw terminals, 1 x 0.2...1 x 2.5 mm² (AWG 24...AWG 14) flexible with cable end
Screw terminals, 2 x 0.2...2 x 1.5 mm² (AWG 24...AWG 16) flexible with cable end
Tightening torque
0.6…1 N.m conforming to IEC 60947-1
Housing material
Self-extinguishing
Repeat accuracy
+/- 0.5 % conforming to IEC 61812-1
Temperature drift
+/- 0.05 %/°C
Voltage drift
+/- 0.2 %/V
Setting accuracy of time delay
+/- 10 % of full scale at 25 °C conforming to IEC 61812-1
Control signal pulse width
100 ms with load in parallel typical
30 ms typical
Insulation resistance
100 MOhm at 500 V DC conforming to IEC 60664-1
Reset time
120 ms on de-energisation typical
On-load factor
100 %
Power consumption in VA
0…32 VA at 240 V AC
Maximum power consumption in W
0.6 W at 24 V DC
Minimum switching current
10 mA at 5 V DC
Maximum switching current
8 A AC/DC
Maximum switching voltage
250 V AC
Breaking capacity
2000 VA
Operating frequency
10 Hz
Electrical durability
100000 cycles (8 A at 250 V AC maximum) for resistive load
Mechanical durability
10000000 cycles
Dielectric strength
2.5 kV 1 mA/1 minute 50 Hz conforming to IEC 61812-1
[Uimp] rated impulse withstand voltage
5 kV during 1.2/50 µs
Power on delay
100 ms
Marking
CE
Creepage distance
4 kV/3 conforming to IEC 60664-1
Safety reliability data
B10d = 270000
MTTFd = 296.8 years
Mounting position
Any position in relation to normal vertical mounting plane
Mounting support
35 mm DIN rail conforming to EN/IEC 60715
Local signalling
LED indicator for on steady: relay energised, no timing in progress
LED indicator for flashing: timing in progress 80 % ON and 20 % OFF
LED indicator for pulsing: relay de-energised, no timing in progress (except function Di-D, Li-L) 5 %
ON and 95 % OFF
Net weight
0.07 kg
Time delay type
A, At
Functionality
On-delay timing
Compatibility code
RE17
Environment
Immunity to microbreaks
20 ms
Standards
2006/95/EC
2004/108/EC
IEC 61812-1
EN 61000-6-3
EN 61000-6-1
EN 61000-6-4
EN 61000-6-2
Product certifications
CSA
CULus
GL
Ambient air temperature for storage
-30…60 °C
Ambient air temperature for operation
-20…60 °C
IP degree of protection
IP20 (terminal block) conforming to IEC 60529
IP40 (housing) conforming to IEC 60529
IP50 (front panel) conforming to IEC 60529
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com