Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE17RAMU Datasheet(PDF) 1 Page - Schneider Electric

Part # RE17RAMU
Description  RE17RAMU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RE17RAMU Datasheet(HTML) 1 Page - Schneider Electric

  RE17RAMU Datasheet HTML 1Page - Schneider Electric RE17RAMU Datasheet HTML 2Page - Schneider Electric RE17RAMU Datasheet HTML 3Page - Schneider Electric RE17RAMU Datasheet HTML 4Page - Schneider Electric RE17RAMU Datasheet HTML 5Page - Schneider Electric RE17RAMU Datasheet HTML 6Page - Schneider Electric RE17RAMU Datasheet HTML 7Page - Schneider Electric RE17RAMU Datasheet HTML 8Page - Schneider Electric RE17RAMU Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product data sheet
Characteristics
RE17RAMU
Modular timing relay, 8 A, 1 CO, 1 s..100 h, on
delay, 24...240 V AC
Main
Range of product
Zelio Time
Product or component type
Modular timing relay
Discrete output type
Relay
Width
17.5 mm
Device short name
RE17R
Time delay type
At
A
Time delay range
1...10 min
10...100 h
0.1...1 s
6...60 s
6...60 min
1...10 s
1...10 h
Nominal output current
8 A
Complementary
Contacts type and composition
1 C/O
Contacts material
Cadmium free
Height
90 mm
Depth
72 mm
Control type
Selector switch front panel
[Us] rated supply voltage
24...240 V AC 50/60 Hz
24 V DC
Voltage range
0.85...1.1 Us
Supply frequency
50...60 Hz +/- 5 %
Release of input voltage
10 V
Connections - terminals
Screw terminals, 1 x 0.5...1 x 3.3 mm² (AWG 20...AWG 12) solid without cable end
Screw terminals, 2 x 0.5...2 x 2.5 mm² (AWG 20...AWG 14) solid without cable end
 
Aug 11, 2020
1


Similar Part No. - RE17RAMU

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RE17RAMUS SCHNEIDER-RE17RAMUS Datasheet
154Kb / 9P
Harmony, Modular timing relay, 8 A, 1 CO, 1 s..100 h, on delay, spring terminals, 24 V DC / 24...240 V AC/DC
Aug 25, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com