Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE17RAMU Datasheet(PDF) 3 Page - Schneider Electric

Part # RE17RAMU
Description  RE17RAMU
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RE17RAMU Datasheet(HTML) 3 Page - Schneider Electric

  RE17RAMU Datasheet HTML 1Page - Schneider Electric RE17RAMU Datasheet HTML 2Page - Schneider Electric RE17RAMU Datasheet HTML 3Page - Schneider Electric RE17RAMU Datasheet HTML 4Page - Schneider Electric RE17RAMU Datasheet HTML 5Page - Schneider Electric RE17RAMU Datasheet HTML 6Page - Schneider Electric RE17RAMU Datasheet HTML 7Page - Schneider Electric RE17RAMU Datasheet HTML 8Page - Schneider Electric RE17RAMU Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Vibration resistance
20 m/s² (f= 10…150 Hz) conforming to IEC 60068-2-6
Shock resistance
15 gn for 11 ms conforming to IEC 60068-2-27
Relative humidity
93 % without condensation conforming to IEC 60068-2-30
Electromagnetic compatibility
Electrostatic discharge immunity test: (in contact), level 3, 6 kV, conforming to IEC 61000-4-2
Electrostatic discharge immunity test: (in air), level 3, 8 kV, conforming to IEC 61000-4-2
Susceptibility to electromagnetic fields: (80 MHz to 1 GHz), level 3, 10 V/m, conforming to IEC
61000-4-3
Electrical fast transient/burst immunity test: (capacitive connecting clip), level 3, 1 kV, conforming to
IEC 61000-4-4
Electrical fast transient/burst immunity test: (direct), level 3, 2 kV, conforming to IEC 61000-4-4
1.2/50 µs shock waves immunity test: (differential mode), level 3, 1 kV, conforming to IEC 61000-4-5
1.2/50 µs shock waves immunity test: (common mode), level 3, 2 kV, conforming to IEC 61000-4-5
Conducted RF disturbances: (0.15...80 MHz), level 3, 10 V, conforming to IEC 61000-4-6
Voltage dips and interruptions immunity test: (1 cycle), 0 %, conforming to IEC 61000-4-11
Voltage dips and interruptions immunity test: (25/30 cycles), 70 %, conforming to IEC 61000-4-11
Conducted and radiated emissions: , class B, conforming to EN 55022
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
77 g
Package 1 Height
2.7 cm
Package 1 width
7.8 cm
Package 1 Length
9.5 cm
Unit Type of Package 2
S02
Number of Units in Package 2
40
Package 2 Weight
3.676 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Unit Type of Package 3
P06
Number of Units in Package 3
640
Package 3 Weight
65.06 kg
Package 3 Height
75 cm
Package 3 width
80 cm
Package 3 Length
60 cm
Offer Sustainability
Sustainable offer status
Green Premium product
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com