Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM7N02SA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM7N02SA
Description  Silicon N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7N02SA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7N02SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PJM7N02SA
Silicon N-Channel Power MOSFET
www.pingjingsemi.com
1 / 5
Revision:1.0 May-2018
Features
Fast switching
Low gate charge and RDS(ON)
VDS=20V
ID=7A
PD=1.
2W
RDS(ON)=26 mΩ(max) @10V
Application
Load/ power switching
Small portable electronics
Mark: M20
Absolute Maximum Ratings (Ta=25℃unless otherwise specified)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±12
V
ID
Continuous Drain Current
7
A
IDM(1)
Pulsed Drain Current
30
A
RθJA
Thermal Resistance from Junction toAmbient
104
℃
/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
TL
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
260
℃
Notes:1.Repetitive rating; pulse width limited by maximum junction temperature
3D
1G
2S


Similar Part No. - PJM7N02SA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM7002KNSA PJSEMI-PJM7002KNSA Datasheet
1Mb / 8P
N-Enhancement Field Effect Transistor
PJM7002KNSM PJSEMI-PJM7002KNSM Datasheet
2Mb / 4P
N-Enhancement Field Effect Transistor
PJM7002NSA PJSEMI-PJM7002NSA Datasheet
3Mb / 6P
N-Enhancement Field Effect Transistor
More results

Similar Description - PJM7N02SA

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com