Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM7N02SA Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM7N02SA
Description  Silicon N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7N02SA Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7N02SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PJM7N02SA
Silicon N-Channel Power MOSFET
www.pingjingsemi.com
3 / 5
Revision:1.0 May-2018
Typical Characteristic Curves
0.0
0.2
1.4
1.6
0.01
0.1
1
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
12
67
5
10
15
20
25
30
35
40
01
8
9
10
0
50
100
150
200
250
300
0.0
0.5
2.5
3.0
0
2
4
6
8
10
12
14
16
18
20
25
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Pulsed
Pulsed
T
a=100
℃
345
DRAIN CURRENT I
D
(A)
I
S ——
V
SD
T
a=25
℃
0.4
0.6
0.8
1.0
1.2
SOURCE TO DRAIN VOLTAGE V
SD
(V)
V
GS=2V,2.5V,3V,4V,5V
Output Characteristics
V
GS=1.5V
DRAIN TO SOURCE VOLTAGE V
DS
(V)
V
GS=1.8V
T
a=25
℃
Pulsed
V
GS=3.8V,4.5V,10V
V
GS=2.5V
T
a=25
℃
Pulsed
—— I
D
R
DS(ON)
T
a=100
℃
T
a=25
℃
—— V
GS
R
DS(ON)
I
D=7A
V
DS=3V
Pulsed
1.0
1.5
2.0
GATE TO SOURCE VOLTAGE V
GS
(V)
Transfer Characteristics
T
a=100
℃
T
a=25
℃
I
D=250uA
23
456
7
GATE TO SOURCE VOLTAGE V
GS
(V)
Threshold Voltage
50
75
100
JUNCTION TEMPERATURE T
j
(℃)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com