Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM7N02SA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM7N02SA
Description  Silicon N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7N02SA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7N02SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PJM7N02SA
Silicon N-Channel Power MOSFET
www.pingjingsemi.com
2 / 5
Revision:1.0 May-2018
Electrical Characteristics (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
Static Characteristics
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
V
Drain to Source Leakage Current
IDSS
VDS =16V, VGS = 0V
1
µA
Gate-body leakage current
IGSS
VGS =±1
2V,VDS = 0V
±100
nA
Gate threshold voltage(1)
VGS(th)
VDS =VGS, ID =250µA
0.4
1.0
V
Drain-source on-resistance(1)
RDS(on)
VGS =10V, ID =7A
26
mΩ
VGS =4.5V, ID =6.6A
27
mΩ
VGS =3.8V, ID =6A
30
mΩ
VGS =2.5V, ID =5.5A
33
mΩ
VGS =1.8V, ID =5A
45
mΩ
Forward tranconductance(1)
gFS
VDS =5V, ID =7A
9
S
Dynamic characteristics(2)
Input Capacitance
Ciss
VDS =10V,VGS =0V,f=1MHz
1150
pF
Output Capacitance
Coss
185
Reverse Transfer Capacitance
Crss
145
Total gate charge
Qg
VDD =10V,VGS =4.5V,ID =7A
15
nC
Gate-source charge
Qgs
0.8
Gate-drain charge
Qgd
3.2
Switching Characteristics(2)
Turn-on delay time
td(on)
VGS=5V,VDD=10V,
RL =1.35Ω,RGEN =3Ω,
6
ns
Turn-on rise time
tr
13
Turn-off delay time
td(off)
52
Turn-off fall time
tf
16
Source-Drain Diode characteristics
Diode Forward voltage(1)
VSD
VGS =0V, IS=1A
1.0
V
Notes :
1. Pulse test : pulse width≤300μs, duty cycle≤0.5%.
2. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com