Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2302NSA Datasheet(PDF) 6 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2302NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2302NSA Datasheet(HTML) 6 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2302NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Outline
SOT-23(TO-236)
Ordering Information
Device
Package
Shipping
PJM2302NSA
SOT-23
3000/Reel&Tape(7inch)
0.8
1.9
0.8
SOT-23 (TO-236)
Recommended soldering pad
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
0.900
1.025
1.150
A1
0.000
0.050
0.100
b
0.300
0.400
0.500
c
0.080
0.115
0.150
D
2.800
2.900
3.000
E
1.200
1.300
1.400
HE
2.250
2.400
2.550
e
1.800
1.900
2.000
L
0.550REF
L1
0.300
0.500
θ
0o
8o
PJM2302NSA
N- Enhancement Mode Field Effect Transistor
6 / 8
www.pingjingsemi.com
Revision:2.0 May-2019



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com