Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2302NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2302NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2302NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2302NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics
TA=25℃ unless otherwise noted
Parameter
Symbol
Condition
Min Typ
Max
Unit
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V ID=250μA
20
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±8V,VDS=0V
-
-
±100
nA
Gate Threshold Voltage Note3
VGS(th)
VDS=VGS,ID=250μA
0.5
0.75
1.2
V
Drain-Source On-State Resistance Note3
RDS(ON)
VGS=2.5V, ID=2.8A
-
35
60
mΩ
VGS=4.5V, ID=3A
-
29
45
mΩ
Forward Transconductance Note3
gFS
VDS=5V,ID=3A
-
8
-
S
Dynamic Characteristics
Input Capacitance
Clss
VDS=10V,VGS=0V,
f=1.0MHz
-
300
-
pF
Output Capacitance
Coss
-
120
-
pF
Reverse Transfer Capacitance
Crss
-
80
-
pF
Switching Characteristics
Turn-on Delay Time
td(on)
VDD=10V,
ID=3A
VGS=4.5V,RGEN=6Ω
-
10
-
nS
Turn-on Rise Time
tr
-
50
-
nS
Turn-Off Delay Time
td(off)
-
17
-
nS
Turn-Off Fall Time
tf
-
10
-
nS
Total Gate Charge
Qg
VDS=10V,ID=3A,
VGS=4.5V
-
4
-
nC
Gate-Source Charge
Qgs
-
0.7
-
nC
Gate-Drain Charge
Qgd
-
1.5
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage Note 3
VSD
VGS=0V,IS=3.3A
-
0.75
1.2
V
Diode Forward Current Note 2
IS
-
-
3.3
A
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
PJM2302NSA
N- Enhancement Mode Field Effect Transistor
2 / 8
www.pingjingsemi.com
Revision:2.0 May-2019
Static Characteristics
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com