Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM2302NSA Datasheet(PDF) 7 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM2302NSA
Description  N- Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM2302NSA Datasheet(HTML) 7 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM2302NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 7Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM2302NSA Datasheet HTML 8Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Figure
Conditions of Soldering and Storage
Recommended condition of reflow soldering
Recommended peak temperature is over 245 OC. If peak temperature is below 245 OC, you may adjust
the following parameters:
Time length of peak temperature (longer)
Time length of soldering (longer)
Thickness of solder paste (thicker)
Conditions of hand soldering
Temperature: 370 OC
Time: 3s max.
Times: one time
Storage conditions
Temperature
5 to 40 OC
Humidity
30 to 80% RH
Recommended period
One year after manufacturing
PJM2302NSA
N- Enhancement Mode Field Effect Transistor
7 / 8
www.pingjingsemi.com
Revision:2.0 May-2019



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com