Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM7002NSA Datasheet(PDF) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM7002NSA
Description  N-Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7002NSA Datasheet(HTML) 5 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7002NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PJM7002NSA
N-Enhancement Field Effect Transistor
5 / 6
www.pingjingsemi.com
Revison:1.1 Dec-2018
Recommended condition of reflow soldering
Recommended peak temperature is over 245 OC. If peak temperature is below 245 OC, you may adjust
the following parameters:
Time length of peak temperature (longer)
Time length of soldering (longer)
Thickness of solder paste (thicker)
Conditions of hand soldering
Temperature: 370 OC
Time: 3s max.
Times: one time
Storage conditions
Temperature
5 to 40 OC
Humidity
30 to 80% RH
Recommended period
One year after manufacturing
Conditions of Soldering and Storage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com