Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM7002NSA Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM7002NSA
Description  N-Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7002NSA Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7002NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PJM7002NSA
N-Enhancement Field Effect Transistor
2 /
6
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250uA
60
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS =60 V, VGS = 0V
-
-
1
uA
Gate-to-source Leakage Current
IGSS
VDS = 0 V, VGS = ±20V
±200
nA
Gate Threshold Voltage
VGS(th)
VGS = VDS, ID = 250uA
1
-
2.5
V
Drain-to-source On-resistance
RDS(on)
VGS = 10V, ID = 500mA
-
-
7.5
Ω
Forward Transconductance
gFS
VDS = 10V, ID = 200mA
80
-
-
mS
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
-
-
50
pF
Output Capacitance
Coss
-
-
25
Reverse Transfer Capacitance
Crss
-
-
5
Turn-On Delay Time
td(on)
VDD =30V, ID=200mA,
RG =25Ω, RL =150Ω,
VGS = 10V,
-
-
20
ns
Turn-Off Delay Time
td(off)
-
-
20
-
-
www.pingjingsemi.com
Revison:1.1 Dec-2018
Static Characteristics
Dynamic Characteristics
Switching Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com