Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJM7002NSA Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # PJM7002NSA
Description  N-Enhancement Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7002NSA Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7002NSA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7002NSA Datasheet HTML 6Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PJM7002NSA
N-Enhancement Field Effect Transistor
1 /
6
www.pingjingsemi.com
Revison:1.1 Dec-2018
Features
High density cell design for low RDS(ON)
Voltage controlled small signal switching
High saturation current capability
High speed switching
Application
PWM applications
Load switch
Power management
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current
ID
115
mA
Pulsed Drain Current
IDM
800
mA
Total Power Dissipation
PD
200
mW
Operating Junction Temperature
TJ
150
O
C
Storage Temperature
TSTG
- 55 to + 150
O
C
SOT-23
1
2
Gate
Source
3Drain
Schematic diagram
Thermal Resistance,Junction-to-Ambient Note2
RθJA
625
℃
/
W
Thermal Characteristics
1. Gate 2.Source 3.Drain
Marking: S72


Similar Part No. - PJM7002NSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM7002KNSA PJSEMI-PJM7002KNSA Datasheet
1Mb / 8P
N-Enhancement Field Effect Transistor
PJM7002KNSM PJSEMI-PJM7002KNSM Datasheet
2Mb / 4P
N-Enhancement Field Effect Transistor
More results

Similar Description - PJM7002NSA

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJM2302NSA-S PJSEMI-PJM2302NSA-S Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM3420NSA PJSEMI-PJM3420NSA Datasheet
1Mb / 6P
N- Enhancement Mode Field Effect Transistor
PJM7002KNSA PJSEMI-PJM7002KNSA Datasheet
1Mb / 8P
N-Enhancement Field Effect Transistor
PJM01N20KSA PJSEMI-PJM01N20KSA Datasheet
2Mb / 8P
N-Enhancement Field Effect Transistor
PJM10N30PA PJSEMI-PJM10N30PA Datasheet
511Kb / 5P
N-Enhancement Field Effect Transistor
PJM2302NSC PJSEMI-PJM2302NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM2304NSA PJSEMI-PJM2304NSA Datasheet
2Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3404NSC PJSEMI-PJM3404NSC Datasheet
4Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM3416NSC PJSEMI-PJM3416NSC Datasheet
3Mb / 7P
N- Enhancement Mode Field Effect Transistor
PJM7002KNSM PJSEMI-PJM7002KNSM Datasheet
2Mb / 4P
N-Enhancement Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com