Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-RKJU-W Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E5CS-RKJU-W
Description  Temperature Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-RKJU-W Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E5CS-RKJU-W Datasheet HTML 2Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 3Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 4Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 5Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 6Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 7Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 8Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 9Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
E5CS
8
■ Accessories (Order Separately)
Note: Do not use any other types of Sockets. Doing so will adversely affect the accuracy.
Applicable Thermistors
Use Element Interchangeable Thermistors (E52-THE5A, E52-
THE6D, and E52-THE6F) to connect to the E5CS-
@GU. For details
on Sensors, refer to E52.
Hard Protective Cover
The Y92A-48B Hard Protective Cover is available for the following
applications.
• To protect the set from dust and dirt.
• To prevent the panel from being
accidentally touched causing displacement
of set values.
• To provide effective protection against
water droplets.
6 5 4 3
7 8 1 2
4
70 max.
Two,
4.5-dia.
holes
Eight, M3.5
× 7.5
sems screws
7.8
20.3 max.
4.5
3
50 max.
35.4
40±0.2
Two, 4.5-dia. hole or two, M4
7
9
8
M3.5
27 dia.
4.9
17
45
45
4
3
5 6
1
2
8 7
8-pin Sockets without Alarms
P2CF-08 Front Connecting Socket
P3G-08 Back Connecting Socket
Note: DIN Track mounting is also
possible.
Note: The P2CF-08-E Socket with finger protection is also available.
Terminal Arrangement/
Internal Connections
(Top View)
Terminal Arrangement
(Bottom View)
Note: The Y92A-48G Finger Safe Terminal Cover is also available.
Mounting Hole Dimensions
11-pin Sockets with Alarms
P2CF-11 Front Connecting Socket
47
3
6
8.7
8
7
6
5
9
4
3
2 1 11 10
27 dia.
4.5
16.3
6.2
25.6
45
45
8 7 6 5
10 11 1 2
4
3
9
4
70 max.
50 max.
Two,
4.5-dia.
holes
Eleven, M3.5
× 7.5
sems screws
7.8
31.2 max.
4.5
3
35.4
40±0.2
Two, 4.5-dia. mounting holes
P3GA-11 Back Connecting Socket
Note: The P2CF-11-E Socket with finger protection is also available.
Terminal Arrangement
(Bottom View)
Note: The Y92A-48G Finger Safe Terminal Cover is also available.
Mounting Hole Dimensions
Note: DIN Track mounting is also
possible.
Terminal Arrangement/
Internal Connections
(Top View)
92A-48B
9 2A-48B
92A-48B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com