Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-RKJU-W Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5CS-RKJU-W
Description  Temperature Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-RKJU-W Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5CS-RKJU-W Datasheet HTML 1Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 2Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 3Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 4Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 5Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 6Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 7Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 8Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
E5CS
4
■ Characteristics
Note: 1. The following exceptions apply to thermocouples.
• U, L: ±2°C ±1 digit max.
• R:
±3
°C ±1 digit max. at 200°C or less
2. The following exception applies to platinum resistance thermometers.
• Input set values 1 for E5CS-U: 1% FS ±1 digit max.
3. The following exceptions apply to thermistors.
• When the unit setting is °C, temperature indication ranges exceeding the set temperature range ±10% FS may not be accurate.
• When the unit setting is °F, the temperature range for the input setting numbers 4 and 9 (609 to 630°F) and temperature indication
ranges exceeding the set temperature range
−5% FS to +10% FS may not be accurate.
4. Industrial electromagnetic environment (EN/IEC 61326-1 Table 2)
Setting accuracy
Thermocouple (See note 1.):
(±1% of indication value or ±2
°C, whichever is greater) ±1 digit max.
Platinum resistance thermometer (See note 2.): (±0.5% of indication value or ±1
°C, whichever is greater) ±1 digit max.
Thermistor (See note 3.):
(1% FS of indication value) ±1 digit max.
Indication accuracy
(ambient temperature of 23
°C)
Influence of temperature
R thermocouple inputs:
(±2% of PV or ±10
°C, whichever is greater) ±1 digit max.
Other thermocouple inputs:
(±2% of PV or ±4
°C, whichever is greater) ±1 digit max.
Platinum resistance thermometer inputs: (±1% of PV or ±2
°C, whichever is greater) ±1 digit max.
Thermistor:
(±2% FS) ±1 digit max.
Influence of voltage
Influence of EMS.
(at EN 61326-1)
Hysteresis (for ON/OFF control)
0.2% FS (0.1% FS for universal-input (thermocouple/platinum resistance thermometer) models)
Proportional band (P)
1 to 999
°C (automatic adjustment using auto-tuning/self-tuning)
Integral time (I)
1 to 1,999 s (automatic adjustment using auto-tuning/self-tuning)
Derivative time (D)
1 to 1,999 s (automatic adjustment using auto-tuning/self-tuning)
Alarm output range
Absolute-value alarm: Same as the control range
Other:
0 to input setting range full scale (
°C or °F)
Alarm hysteresis:
0.2
°C or °F (fixed)
Control period
2/20 s
Sampling period
500 ms
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min between current-carrying terminals of different polarity
Vibration
resistance
Malfunction 10 to 55 Hz, 20 m/s2 for 10 min each in X, Y, and Z directions
Destruction 10 to 55 Hz, 0.75-mm single amplitude for 2 hr each in X, Y, and Z directions
Shock resistance
Malfunction 100 m/s2 min., 3 times each in six directions
Destruction 300 m/s2 min., 3 times each in six directions
Life expectancy
Electrical
100,000 operations min. (relay output models)
Weight
Approx. 110 g (Controller only)
Degree of protection
Front panel: Equivalent to IP50, Enclosure Category 2 (IEC 60529), Rear case: IP20; Terminals: IP00
Memory protection
EEPROM (non-volatile memory) (number of writes: 1,000,000)
EMC
EMI Radiated:
EN 55011 Group 1 Class A
EMI Conducted:
EN 55011 Group 1 Class A
Radiated Electromagnetic Field Immunity:
EN 61000-4-2: 4 kV contact discharge (level 2)
8 kV air discharge (level 3)
RF-interference Immunity:
EN 61000-4-3: 10 V/m (80-1000 MHz, 1.4-2.0 GHz amplitude modulated) (level 3)
10 V/m (900 MHz pulse modulated)
Conducted Disturbance Immunity:
EN 61000-4-6: 3 V (0.15 to 80 MHz) (level 2)
Noise Immunity (First Transient Burst Noise): EN 61000-4-4
Burst Immunity:
2 kV power-line (level 3), 1 kV I/O signal-line (level 3)
Surge Immunity:
EN 61000-4-5: Power line:
Normal mode 1 kV; Common mode 2 kV
Output line (relay output): Normal mode 1 kV; Common mode 2 kV
Voltage Dip/Interrupting Immunity:
EN 61000-4-11 0.5 cycle, 100% (rated voltage)
Approved standards
UL 61010-1 (listing)
CSA C22.2 No.1010-1
Conformed standards
EN 61326-1 (See note 4.), EN 61010-1, IEC 61010-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com