Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-RKJU-W Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5CS-RKJU-W
Description  Temperature Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-RKJU-W Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5CS-RKJU-W Datasheet HTML 1Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 2Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 3Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 4Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 5Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 6Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 7Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 8Page - Omron Electronics LLC E5CS-RKJU-W Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
E5CS
2
Ordering Information
■ List of Models
Case Color: Light Gray, Thermocouple or Platinum Resistance Thermometer,
Power Supply Voltage: 100 to 240 VAC
Case Color: Light Gray, Thermocouple or Platinum Resistance Thermometer,
Power Supply Voltage: 24 VAC/VDC
Case Color: Light Gray, Thermistor or Universal-input, Power Supply Voltage: 100
to 240 VAC
Note: There is no alarm output 2 mode switch. The default setting for alarm output 2 is for the upper limit alarm mode. To change the setting,
change the alarm type for alarm output 2 in initial setting level 5. For details, refer to the “E5CSV/E5CS-U Digital Temperature Controller
User’s Manual” (Cat. No. H140-E1-01).
Case Color: Light Gray, Thermistor, Power Supply Voltage: 24 VAC/VDC
■ Accessories (Order Separately)
Socket without Alarm (8 Pins)
Socket with Alarm (11 Pins)
Protective Cover
Size
Type
Control
modes
Alarms
Outputs
Model with
thermocouple
Model with platinum
resistance
thermometer
E5CS-U
48
× 48 mm
Plug-in
ON/OFF or
PID
0
Relay
E5CS-RKJU-W
E5CS-RPU-W
Voltage (for driving SSR)
E5CS-QKJU-W
E5CS-QPU-W
1
Relay
E5CS-R1KJU-W
E5CS-R1PU-W
Voltage (for driving SSR)
E5CS-Q1KJU-W
E5CS-Q1PU-W
Size
Type
Control
modes
Alarms
Outputs
Model with
thermocouple
Model with platinum
resistance
thermometer
E5CS-U
48
× 48 mm
Plug-in
ON/OFF or
PID
0
Relay
E5CS-RKJDU-W
E5CS-RPDU-W
Voltage (for driving SSR)
E5CS-QKJDU-W
---
1
Relay
E5CS-R1KJDU-W
E5CS-R1PDU-W
Voltage (for driving SSR)
E5CS-Q1KJDU-W
---
Size
Type
Control
modes
Alarms
Outputs
Model with thermistor
Model with universal-
input (thermocouple
and platinum
resistance
thermometer)
E5CS-U
48
× 48 mm
Plug-in
ON/OFF or
PID
0
Relay
E5CS-RGU-W
E5CS-RTU-W
Voltage (for driving SSR)
E5CS-QGU-W
E5CS-QTU-W
1
Relay
E5CS-R1GU-W
E5CS-R1TU-W
Voltage (for driving SSR)
E5CS-Q1GU-W
E5CS-Q1TU-W
2
(See note.)
Relay
---
E5CS-R2TU-W
Voltage (for driving SSR)
E5CS-Q2TU-W
Size
Type
Control
modes
Alarms
Outputs
Model with thermistor
E5CS-U
48
× 48 mm
Plug-in
ON/OFF or
PID
0
Relay
E5CS-RGDU-W
1
E5CS-R1GDU-W
Type
Model
Front Connecting Socket
P2CF-08
Back Connecting Socket (flush mounting)
P3G-08
Front Connecting Socket (with finger protection)
P2CF-08-E
Finger Safe Terminal Cover for P3G
Y92A-48G
Type
Model
Front Connecting Socket
P2CF-11
Back Connecting Socket (flush mounting)
P3GA-11
Front Connecting Socket (with finger protection)
P2CF-11-E
Finger Safe Terminal Cover for P3G
Y92A-48G
Type
Model
Hard Protective Cover
Y92A-48B



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com