Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303 Datasheet(PDF) 7 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 7 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 3Page - Prolific Technology Inc. PL2303 Datasheet HTML 4Page - Prolific Technology Inc. PL2303 Datasheet HTML 5Page - Prolific Technology Inc. PL2303 Datasheet HTML 6Page - Prolific Technology Inc. PL2303 Datasheet HTML 7Page - Prolific Technology Inc. PL2303 Datasheet HTML 8Page - Prolific Technology Inc. PL2303 Datasheet HTML 9Page - Prolific Technology Inc. PL2303 Datasheet HTML 10Page - Prolific Technology Inc. PL2303 Datasheet HTML 11Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Revised Date:
March 20, 2012
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 7 -
Document Version 1.4.4
1.0 Features
 Single-chip USB to Serial (RS232/RS422/RS485) asynchronous serial data transfer interface
 Fully Compliant with USB Specification v2.0 (Full-Speed)
 USB-IF Logo Compliant with TID 40000100
 UHCI/OHCI (USB1.1), EHCI (USB 2.0), xHCI (USB 3.0) Host Controller Compatible
 Integrated USB 1.1 Transceiver and 5V to 3.3V Regulator
 Integrated 96MHz clock generator (No external crystal required)
 Integrated OTPROM (One-Time Programming ROM)
– no external EEPROM required.
o
For writing and storing customer USB VID/PID, Serial Number, Product String, and
other device startup configurations. (uses default settings if OTPROM is empty)
 Supports USB to RS232 Serial UART Interface
o
Full-duplex transmitter and receiver (TXD and RXD)
o
Six MODEM control pins (RTS, CTS, DTR, DSR, DCD, and RI)
o
5, 6, 7 or 8 data bits
o
Odd, Even, Mark, Space, or None parity mode
o
One, one and a half, or two stop bits
o
Parity error, frame error, and serial break detection
o
Programmable baud rate from 75 bps to 12M bps
o
External RS232 driver power down control
o
Independent power source for serial interface
 Supports RS-422/RS-485 like serial interface (TXD, DTR_N, and RTS_N pins should be
externally pulled-up to 5V)
 Extensive Flow Control Mechanism
o
Adjustable high/low watermark level
o
Automatic hardware flow control with CTS/RTS or DSR/DTR
o
Automatic software flow control with XON/XOFF
o
Inbound data buffer overflow detection
 Configurable 512-byte bi-directional data buffer
o
256-byte outbound buffer and 256-byte inbound buffer; or
o
128-byte outbound buffer and 384-byte inbound buffer
 Supports Remote Wake-up from RS232 input pin signals (RI, RXD, DSR, DCD, CTS)
 Four (4) General Purpose I/O (GP0, GP1, GP2, & GP3) pins and Four (4) Auxiliary General
Purpose I/O (RI_N, DSR_N, DCD_N, & CTS_N) pins.
 Supports Windows Selective Suspend by OTPROM configuration (Enable Remote Wakeup)
o
Suspends power of chip when idle (COM port is closed)
 Provides royalty-free USB to Virtual COM Port drivers for Windows, Mac, Linux, Android
 -40
o
C to 85
o
C Operating Temperature
 Small footprint 28-pin SSOP or 32-pin QFN IC packages (RoHS compliant and Pb-free Green
Compound



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com