Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303 Datasheet(PDF) 18 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 18 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 14Page - Prolific Technology Inc. PL2303 Datasheet HTML 15Page - Prolific Technology Inc. PL2303 Datasheet HTML 16Page - Prolific Technology Inc. PL2303 Datasheet HTML 17Page - Prolific Technology Inc. PL2303 Datasheet HTML 18Page - Prolific Technology Inc. PL2303 Datasheet HTML 19Page - Prolific Technology Inc. PL2303 Datasheet HTML 20Page - Prolific Technology Inc. PL2303 Datasheet HTML 21Page - Prolific Technology Inc. PL2303 Datasheet HTML 22Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Revised Date:
March 20, 2013
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 18 -
Document Version 1.4.4
8.0 PL2303HXD Reference Schematic Diagram
Below is an example of using the PL-2303HX (Chip Rev D) as a USB to RS232 converter (with RS485
option) where a RS232 transceiver (Sipex SP213EHCA) is used to convert the TTL levels serial
interface of the PL2303TA to RS232 levels as well as converting the +5V nominal VCC to the
±9V
required by RS232. The SP213EHCA transceiver provides up to 500Kbps data rate transmission which
is ideal for many designs requiring high speed performance. Contact Prolific FAE for more PCB design
support.
Figure 8-1 PL2303HX (Chip Rev D) Reference Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com