Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303 Datasheet(PDF) 21 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 21 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 17Page - Prolific Technology Inc. PL2303 Datasheet HTML 18Page - Prolific Technology Inc. PL2303 Datasheet HTML 19Page - Prolific Technology Inc. PL2303 Datasheet HTML 20Page - Prolific Technology Inc. PL2303 Datasheet HTML 21Page - Prolific Technology Inc. PL2303 Datasheet HTML 22Page - Prolific Technology Inc. PL2303 Datasheet HTML 23Page - Prolific Technology Inc. PL2303 Datasheet HTML 24Page - Prolific Technology Inc. PL2303 Datasheet HTML 25Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Revised Date:
March 20, 2012
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 21 -
Document Version 1.4.4
9.4
Temperature Characteristics
Table 9-4 Temperature Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Operating Temperature
--
-40
--
85
o
C
Junction Operation Temperature
TJ
-40
25
105
o
C
9.5
Leakage Current and Capacitance
Table 9-5 Leakage Current and Capacitance
Parameter
Symbol
Min
Typ
Max
Unit
Input Leakage Current
*1
IL
-10
1
10
A
Tri-state Leakage Current
Ioz
-10
1
10
A
Input Capacitance
CIN
--
2.8
--
pF
Output Capacitance
COUT
2.7
--
4.9
pF
Bi-directional Buffer Capacitance
CBID
2.7
--
4.9
pF
*1. No pull-up or pull-down resistor.
9.6 Power-On Reset
Figure 9-1 Power-On Reset Diagram
Table 9-6 Power-On Reset
Parameter
Symbol
FF@70
oC
VO_33=3.63V
TT@25
oC
VO_33=3.3V
SS@0
oC
VO_33=2.97V
Unit
Output Delay Time
Td
1.18
2.68
182.5
sec
Note: The delay time is simulated with VIN ramp of 1V/
sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com