Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3317C Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB3317C
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317C Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB3317C_V01 Datasheet HTML 17Page - SMSC Corporation USB3317C_V01 Datasheet HTML 18Page - SMSC Corporation USB3317C_V01 Datasheet HTML 19Page - SMSC Corporation USB3317C_V01 Datasheet HTML 20Page - SMSC Corporation USB3317C_V01 Datasheet HTML 21Page - SMSC Corporation USB3317C_V01 Datasheet HTML 22Page - SMSC Corporation USB3317C_V01 Datasheet HTML 23Page - SMSC Corporation USB3317C_V01 Datasheet HTML 24Page - SMSC Corporation USB3317C_V01 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Datasheet
SMSC USB3317 REV C
21
Revision 2.1 (06-02-10)
DATASHEET
Data from the TX Logic block is encoded, bit stuffed, serialized and transmitted onto the USB cable
by the TX block. Separate differential FS/LS and HS transmitters are included to support all modes.
The USB3317 TX block meets the HS signalling level requirements in the USB 2.0 Specification when
the PCB traces from the DP and DM pins to the USB connector have very little loss. In some systems,
it may be desirable to compensate for loss by adjusting the HS transmitter amplitude. The Boost bits
in the HS TX Boost register may be configured to adjust the HS transmitter amplitude at the DP and
DM pins.
5.2.2
Termination Resistors
The USB3317 transceiver fully integrates all of the USB termination resistors on both DP and DM. This
includes 1.5kΩ pull-up resistors, 15kΩ pull-down resistors and the 45Ω high speed termination
resistors. These resistors require no tuning or trimming by the Link. The state of the resistors is
determined by the operating mode of the PHY when operating in synchronous mode.
The XcvrSelect[1:0], TermSelect and OpMode[1:0] bits in the Function Control register, and the
DpPulldown and DmPulldown bits in the OTG Control register control the configuration. The possible
valid resistor combinations are shown in Table 5.1, and operation is guaranteed in only the
configurations shown. If a ULPI Register Setting is configured that does not match a setting in the
table, the transceiver operation is not guaranteed and the settings in the last row of Table 5.1 will be
used.
RPU_DP_EN activates the 1.5kΩ DP pull-up resistor
RPU_DM_EN activates the 1.5kΩ DM pull-up resistor
RPD_DP_EN activates the 15kΩ DP pull-down resistor
RPD_DM_EN activates the 15kΩ DM pull-down resistor
HSTERM_EN activates the 45Ω DP and DM high speed termination resistors
The USB3317 also includes two 125kΩ DP and DM pull-up resistors described in Section 5.8.
Table 5.1 DP/DM Termination vs. Signaling Mode
SIGNALING MODE
ULPI REGISTER SETTINGS
USB3317 TERMINATION
RESISTOR SETTINGS
General Settings
Tri-State Drivers
XXb
Xb
01b
Xb
Xb
0b0b0b0b0b
Power-up or Vbus < VSESSEND
01b
0b
00b1b
1b
0b0b1b1b0b
Host Settings
Host Chirp
00b
0b
10b1b
1b
0b0b1b1b1b
Host Hi-Speed
00b
0b
00b1b
1b
0b0b1b1b1b
Host Full Speed
X1b
1b
00b1b
1b
0b0b1b1b0b
Host HS/FS Suspend
01b
1b
00b1b
1b
0b0b1b1b0b
Host HS/FS Resume
01b
1b
10b1b
1b
0b0b1b1b0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com