Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3317C Datasheet(PDF) 39 Page - SMSC Corporation

Part # USB3317C
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317C Datasheet(HTML) 39 Page - SMSC Corporation

Back Button USB3317C_V01 Datasheet HTML 35Page - SMSC Corporation USB3317C_V01 Datasheet HTML 36Page - SMSC Corporation USB3317C_V01 Datasheet HTML 37Page - SMSC Corporation USB3317C_V01 Datasheet HTML 38Page - SMSC Corporation USB3317C_V01 Datasheet HTML 39Page - SMSC Corporation USB3317C_V01 Datasheet HTML 40Page - SMSC Corporation USB3317C_V01 Datasheet HTML 41Page - SMSC Corporation USB3317C_V01 Datasheet HTML 42Page - SMSC Corporation USB3317C_V01 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Datasheet
SMSC USB3317 REV C
39
Revision 2.1 (06-02-10)
DATASHEET
6.2.2
ULPI Register Read
A ULPI register read operation is given in Figure 6.5. The Link drives a TXD CMD byte with DATA[7:6]
= 11h for a register read. DATA[5:0] of the ULPI TXD command bye contain the register address.
At T0, the Link will place the TXD CMD on the data bus. At T2, the PHY will bring NXT high, signaling
that the Link it is ready to accept the data transfer. At T3, the PHY reads the TXD CMD, determines
it is a register read, and asserts DIR to gain control of the bus. The PHY will also de-assert NXT. At
T4, the bus ownership has transferred back to the PHY and the PHY drives the requested register
onto the data bus. At T5, the Link will read the data bus and the PHY will drop DIR low returning control
of the bus back to the Link. After the turn around cycle, the Link must drive a ULPI Idle command at T6.
A ULPI extended register read operation is shown in Figure 6.6.To read an extended register, the Link
writes the TX CMD with the address set to 2Fh. At T2, the PHY will assert NXT, signaling the Link it
is ready to accept the extended address. At T3, the Link places the extended register address on the
bus. At T4, the PHY reads the extended address, and asserts DIR to gain control of the bus. The PHY
will also de-assert NXT. At T5, the bus ownership has transferred back to the PHY and the PHY drives
the requested register onto the data bus. At T6, the Link will read the data bus and the PHY will de-
assert DIR returning control of the bus back to the Link. After the turn around cycle, the Link must
drive a ULPI Idle command at T6.
Figure 6.5 ULPI Register Read in Synchronous Mode
DIR
CLK
DATA[7:0]
STP
NXT
Txd Cmd Reg
Read
Idle
T0
Reg Data
Turn around
Turn around
T1
T2
T3
T4
T5
T6
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com