Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3317C Datasheet(PDF) 40 Page - SMSC Corporation

Part # USB3317C
Description  Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3317C Datasheet(HTML) 40 Page - SMSC Corporation

Back Button USB3317C_V01 Datasheet HTML 36Page - SMSC Corporation USB3317C_V01 Datasheet HTML 37Page - SMSC Corporation USB3317C_V01 Datasheet HTML 38Page - SMSC Corporation USB3317C_V01 Datasheet HTML 39Page - SMSC Corporation USB3317C_V01 Datasheet HTML 40Page - SMSC Corporation USB3317C_V01 Datasheet HTML 41Page - SMSC Corporation USB3317C_V01 Datasheet HTML 42Page - SMSC Corporation USB3317C_V01 Datasheet HTML 43Page - SMSC Corporation USB3317C_V01 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
Hi-Speed USB Transceiver with 1.8V-3.3V ULPI Interface - 26MHz Reference Clock
Datasheet
Revision 2.1 (06-02-10)
40
SMSC USB3317 REV
C
DATASHEET
6.2.3
ULPI RXCMD
The ULPI Link needs information which was provided by the following pins in a UTMI implementation:
linestate[1:0], rxactive, rxvalid and rxerror. When implementing the OTG functions the VBUS and ID
pin states must also be transferred to the Link.
ULPI defines a Receive Command Byte (RXCMD) that contains this information. The Encoding of the
RXCMD byte is given in the Table 6.3.
Transfer of the RXCMD byte occurs in Synchronous Mode when the PHY has control of the bus. The
ULPI Protocol Block shown in Figure 6.1 determines when to send an RXCMD. When a linestate
change occurs, the RXCMD is sent immediately if the DIR output is low.
When a USB Receive is occurring, RXCMD’s are sent whenever NXT = 0 and DIR = 1. During a USB
Transmit, the RXCMD’s are returned to the Link after STP is asserted.
To summarize a RXCMD transfer occurs:
When DIR is low and a linestate change occurs.
When Vbus and/or ID comparators change state.
During a USB receive when NXT is low.
After STP is asserted during a USB transmit command.
After the USB3317 deasserts DIR and STP is low during start-up
After the USB3317 exits Low Power Mode, Serial Modes, or Carkit Modes after detecting that the
Link has asserted STP.
Figure 6.6 ULPI Extended Register Read in Synchronous Mode
DIR
CL K
D A T A [7 :0 ]
ST P
NX T
T X D CM D
ex te n d ed r e g r e a d
Id le
T0
Re g D a t a
Tu r n a r ou n d
Tu r n a r ou nd
T1
T 2
T3
T4
T5
T6
Id le
Ex te n d e d
ad d r ess
T7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com