Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3904SQ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC3904SQ
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC3904SQ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC3904SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3904SQ
NPN Transistor
1 / 4
www.pingjingsemi.com
Revision:1.0 Qct-2018
Feature
⚫
Ideal for switching and amplification
Absolute Maximum Ratings
Ratings at 25℃ ambient temperature unless otherwise specified.
40
40
40
SOT-89
1. Base 2. Collector 3.Emitter
Parameter
Symbol
Collector Base Voltage
VCBO
60
V
Collector Emitter Voltage
VCEO
40
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
200
mA
Power Dissipation
PD
500
mW
Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
- 55 to + 150
℃
Value
Unit
Marking: 1E.


Similar Part No. - 2SC3904SQ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3904 PANASONIC-2SC3904 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
More results

Similar Description - 2SC3904SQ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com