Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3904SQ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC3904SQ
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC3904SQ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC3904SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3904SQ
NPN Transistor
3 / 4
www.pingjingsemi.com
Revision:1.0 Qct-2018
Electrical Curves
7
0
0.01
0.2
0.4
0.3
IB (mA)
0.02 0.03
0.05 0.07 0.1
0.2
10mA
0.7
0.5
1
3
25
10
VCE=1V
TJ=25°C
0.3
IC=1mA
0.6
0.8
1
0.1
0.1
0.2
30mA
Collector Saturation Region
100mA
IC (mA)
3
2
0.7
0.5
0.3
0.2
1
30
20
7
5
50 70 100
10
1
0.5
0.7
2
-55°C
DC Current Gain
25°C
TJ=125°C
200
f = 100 KHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com