Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3904SQ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 2SC3904SQ
Description  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

2SC3904SQ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  2SC3904SQ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, 2SC3904SQ Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3904SQ
NPN Transistor
2 / 4
www.pingjingsemi.com
Revision:1.0 Qct-2018
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
DC Current Gain
at VCE = 1 V, IC = 0.1 mA
at VCE = 1 V, IC = 1 mA
at VCE = 1 V, IC = 10 mA
at VCE = 1 V, IC = 50 mA
at VCE = 1 V, IC = 100 mA
hFE
hFE
hFE
hFE
hFE
40
70
100
60
30
-
-
300
-
-
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 30 V
ICBO
-
50
nA
Emitter Base Cutoff Current
at VEB = 6 V
IEBO
-
50
nA
Collector Base Breakdown Voltage
at IC = 10 µA
V(BR)CBO
60
-
V
Collector Emitter Breakdown Voltage
at IC = 1 mA
V(BR)CEO
40
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
6
-
V
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 1 mA
at IC = 50 mA, IB = 5 mA
VCE(sat)
VCE(sat)
-
-
0.2
0.3
V
Base Emitter Saturation Voltage
at IC = 10 mA, IB = 1 mA
at IC = 50 mA, IB = 5 mA
VBE(sat)
VBE(sat)
-
-
0.85
0.95
V
Gain Bandwidth Product
at VCE = 20 V, IC = 10 mA, f = 100 MHz
fT
300
-
MHz
Collector Base Capacitance
at VCB = 5 V, f = 100 KHz
Cob
-
4
pF
Delay Time
at VCC = 3 V, VBE = 0.5 V, IC = 10 mA, IB1 = 1 mA
td
-
35
ns
Rise Time
at VCC = 3 V, VBE = 0.5 V, IC = 10 mA, IB1 = 1 mA
tr
-
35
ns
Storage Time
at VCC = 3 V, IC = 10 mA, IB1 = -IB2 = 1 mA
ts
-
200
ns
Fall Time
at VCC = 3 V, IC = 10 mA, IB1 = -IB2 = 1 mA
tf
-
50
ns
Min.
Unit
Max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com