Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS1 Datasheet(PDF) 55 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 51Page - STMicroelectronics LSM9DS1 Datasheet HTML 52Page - STMicroelectronics LSM9DS1 Datasheet HTML 53Page - STMicroelectronics LSM9DS1 Datasheet HTML 54Page - STMicroelectronics LSM9DS1 Datasheet HTML 55Page - STMicroelectronics LSM9DS1 Datasheet HTML 56Page - STMicroelectronics LSM9DS1 Datasheet HTML 57Page - STMicroelectronics LSM9DS1 Datasheet HTML 58Page - STMicroelectronics LSM9DS1 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
DocID025715 Rev 3
55/72
LSM9DS1
Accelerometer and gyroscope register description
72
7.30
STATUS_REG (27h)
Status register.
Table 79. INT_GEN_SRC_XL register description
IA_XL
Interrupt active. Default value: 0.
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
ZH_XL
Accelerometer’s Z high event. Default value: 0
(0: no interrupt, 1: Z high event has occurred)
ZL_XL
Accelerometer’s Z low event. Default value: 0
(0: no interrupt; 1: Z low event has occurred)
YH_XL
Accelerometer’s Y high event. Default value: 0
(0: no interrupt, 1: Y high event has occurred)
YL_XL
Accelerometer’s Y low event. Default value: 0
(0: no interrupt, 1: Y low event has occurred)
XH_XL
Accelerometer’s X high event. Default value: 0
(0: no interrupt, 1: X high event has occurred)
XL_XL
Accelerometer’s X low. event. Default value: 0
(0: no interrupt, 1: X low event has occurred)
Table 80. STATUS_REG register
0
IG_XL
IG_G
INACT
BOOT_
STATUS
TDA
GDA
XLDA
Table 81. STATUS_REG register description
IG_XL
Accelerometer interrupt output signal. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupt events have been gener-
ated)
IG_G
Gyroscope interrupt output signal. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupt events have been gener-
ated)
INACT
Inactivity interrupt output signal. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupt events have been gener-
ated)
BOOT_
STATUS
Boot running flag signal. Default value: 0
(0: no boot running; 1: boot running)
TDA
Temperature sensor new data available. Default value: 0
(0: a new data is not yet available; 1: a new data is available)
GDA
Gyroscope new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
XLDA
Accelerometer new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com