Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM9DS1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM9DS1
Description  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM9DS1 Datasheet HTML 36Page - STMicroelectronics LSM9DS1 Datasheet HTML 37Page - STMicroelectronics LSM9DS1 Datasheet HTML 38Page - STMicroelectronics LSM9DS1 Datasheet HTML 39Page - STMicroelectronics LSM9DS1 Datasheet HTML 40Page - STMicroelectronics LSM9DS1 Datasheet HTML 41Page - STMicroelectronics LSM9DS1 Datasheet HTML 42Page - STMicroelectronics LSM9DS1 Datasheet HTML 43Page - STMicroelectronics LSM9DS1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
Register mapping
LSM9DS1
40/72
DocID025715 Rev 3
Table 22. Magnetic sensor register address map
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
To guarantee proper behavior of the device, all registers addresses not listed in the above
table must not be accessed and the content stored on those registers must not be changed.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved
00 - 04
--
--
Reserved
OFFSET_X_REG_L_M
r/w
05
00000000
Offset in order to compensate
environmental effects
OFFSET_X_REG_H_M
r/w
06
00000000
OFFSET_Y_REG_L_M
r/w
07
00000000
OFFSET_Y_REG_H_M
r/w
08
00000000
OFFSET_Z_REG_L_M
r/w
09
00000000
OFFSET_Z_REG_H_M
r/w
0A
00000000
Reserved
0B - 0E
--
--
Reserved
WHO_AM_I_M
r
0F
0000 1111
00111101
Magnetic Who I am ID
Reserved
10 - 1F
--
--
Reserved
CTRL_REG1_M
r/w
20
0010 0000
00010000
Magnetic control registers
CTRL_REG2_M
r/w
21
0010 0001
00000000
CTRL_REG3_M
r/w
22
0010 0010
00000011
CTRL_REG4_M
r/w
23
0010 0011
00000000
CTRL_REG5_M
r/w
24
0010 0100
00000000
Reserved
25 - 26
--
--
Reserved
STATUS_REG_M
r
27
0010 0111
Output
OUT_X_L_M
r
28
0010 1000
Output
Magnetic output registers
OUT_X_H_M
r
29
0010 1001
Output
OUT_Y_L_M
r
2A
0010 1010
Output
OUT_Y_H_M
r
2B
0010 1011
Output
OUT_Z_L_M
r
2C
0010 1100
Output
OUT_Z_H_M
r
2D
0010 1101
Output
Reserved
r
2E-2F
--
--
Reserved
INT_CFG_M
rw
30
00110000
00001000
Magnetic interrupt configuration
register
INT_SRC_M
r
31
00110001
00000000
Magnetic interrupt generator
status register
INT_THS_L_M
r
32
00110010
00000000
Magnetic interrupt generator
threshold
INT_THS_H_M
r
33
00110011
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com