Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 43 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 43 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 44Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 45Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 46Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 47Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
5. Electrical Characteristics
5.3 DC Characteristics (3.3 V, 25 °C)
Table 13: DC Characteristics (3.3 V, 25 °C)
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Pin capacitance
-
2
-
pF
VIH
High-level input voltage
0.75×VDD1
-
VDD1+0.3
V
VIL
Low-level input voltage
–0.3
-
0.25×VDD1
V
IIH
High-level input current
-
-
50
nA
IIL
Low-level input current
-
-
50
nA
VOH
High-level output voltage
0.8×VDD1
-
-
V
VOL
Low-level output voltage
-
-
0.1×VDD1
V
IOH
High-level source current
(VDD1 = 3.3 V,
VOH >= 2.64 V,
output drive strength set
to the maximum)
VDD3P3_CPU
power domain 1, 2
-
40
-
mA
VDD3P3_RTC
power domain 1, 2
-
40
-
mA
VDD_SDIO power
domain 1, 3
-
20
-
mA
IOL
Low-level sink current
(VDD1 = 3.3 V, VOL = 0.495 V,
output drive strength set to the maximum)
-
28
-
mA
RP U
Resistance of internal pull-up resistor
-
45
-
kΩ
RP D
Resistance of internal pull-down resistor
-
45
-
kΩ
VIL_nRST
Low-level input voltage of CHIP_PU
to power off the chip
-
-
0.6
V
Notes:
1. Please see Table IO_MUX for IO’s power domain. VDD is the I/O voltage for a particular power domain of pins.
2. For VDD3P3_CPU and VDD3P3_RTC power domain, per-pin current sourced in the same domain is gradually reduced
from around 40 mA to around 29 mA, VOH >=2.64 V, as the number of current-source pins increases.
3. For VDD_SDIO power domain, per-pin current sourced in the same domain is gradually reduced from around 30 mA to
around 10 mA, VOH >=2.64 V, as the number of current-source pins increases.
5.4 Reliability Qualifications
Table 14: Reliability Qualifications
Reliability tests
Standards
Test conditions
Result
Electro-Static Discharge Sensitivity
(ESD), Charge Device Mode (CDM) 1
JEDEC EIA/JESD22-C101
±500 V, all pins
Pass
Electro-Static Discharge Sensitivity
(ESD), Human Body Mode (HBM) 2
JEDEC EIA/JESD22-A114
±1500 V, all pins
Pass
Latch-up (Over-current test)
JEDEC STANDARD NO.78
±50 mA
~ ±200 mA, room
temperature, test for IO
Pass
Latch-up (Over-voltage test)
JEDEC STANDARD NO.78
1.5 × Vmax, room temper-
ature, test for Vsupply
Pass
Espressif Systems
36
Submit Documentation Feedback
ESP32 Datasheet V3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com