Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 55 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 55 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 51Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Appendix A
Same input
Signal
Default value
signal from
Output enable
No.
Input signals
if unassigned
IO_MUX
core
Output signals
of output signals
35
pwm0_f1_in
0
no
pwm0_out1b
1’d1
36
pwm0_f2_in
0
no
pwm0_out2a
1’d1
37
-
0
no
pwm0_out2b
1’d1
39
pcnt_sig_ch0_in0
0
no
-
1’d1
40
pcnt_sig_ch1_in0
0
no
-
1’d1
41
pcnt_ctrl_ch0_in0
0
no
-
1’d1
42
pcnt_ctrl_ch1_in0
0
no
-
1’d1
43
pcnt_sig_ch0_in1
0
no
-
1’d1
44
pcnt_sig_ch1_in1
0
no
-
1’d1
45
pcnt_ctrl_ch0_in1
0
no
-
1’d1
46
pcnt_ctrl_ch1_in1
0
no
-
1’d1
47
pcnt_sig_ch0_in2
0
no
-
1’d1
48
pcnt_sig_ch1_in2
0
no
-
1’d1
49
pcnt_ctrl_ch0_in2
0
no
-
1’d1
50
pcnt_ctrl_ch1_in2
0
no
-
1’d1
51
pcnt_sig_ch0_in3
0
no
-
1’d1
52
pcnt_sig_ch1_in3
0
no
-
1’d1
53
pcnt_ctrl_ch0_in3
0
no
-
1’d1
54
pcnt_ctrl_ch1_in3
0
no
-
1’d1
55
pcnt_sig_ch0_in4
0
no
-
1’d1
56
pcnt_sig_ch1_in4
0
no
-
1’d1
57
pcnt_ctrl_ch0_in4
0
no
-
1’d1
58
pcnt_ctrl_ch1_in4
0
no
-
1’d1
61
HSPICS1_in
0
no
HSPICS1_out
HSPICS1_oe
62
HSPICS2_in
0
no
HSPICS2_out
HSPICS2_oe
63
VSPICLK_in
0
yes
VSPICLK_out_mux
VSPICLK_oe
64
VSPIQ_in
0
yes
VSPIQ_out
VSPIQ_oe
65
VSPID_in
0
yes
VSPID_out
VSPID_oe
66
VSPIHD_in
0
yes
VSPIHD_out
VSPIHD_oe
67
VSPIWP_in
0
yes
VSPIWP_out
VSPIWP_oe
68
VSPICS0_in
0
yes
VSPICS0_out
VSPICS0_oe
69
VSPICS1_in
0
no
VSPICS1_out
VSPICS1_oe
70
VSPICS2_in
0
no
VSPICS2_out
VSPICS2_oe
71
pcnt_sig_ch0_in5
0
no
ledc_hs_sig_out0
1’d1
72
pcnt_sig_ch1_in5
0
no
ledc_hs_sig_out1
1’d1
73
pcnt_ctrl_ch0_in5
0
no
ledc_hs_sig_out2
1’d1
74
pcnt_ctrl_ch1_in5
0
no
ledc_hs_sig_out3
1’d1
75
pcnt_sig_ch0_in6
0
no
ledc_hs_sig_out4
1’d1
76
pcnt_sig_ch1_in6
0
no
ledc_hs_sig_out5
1’d1
77
pcnt_ctrl_ch0_in6
0
no
ledc_hs_sig_out6
1’d1
Espressif Systems
48
Submit Documentation Feedback
ESP32 Datasheet V3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com