Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32 Datasheet(PDF) 16 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 16 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Name
No.
Type
Function
GPIO2
22
I/O
GPIO2,
ADC2_CH2,
RTC_GPIO12, TOUCH2,
HSPIWP,
HS2_DATA0, SD_DATA0
GPIO0
23
I/O
GPIO0,
ADC2_CH1,
RTC_GPIO11, TOUCH1,
EMAC_TX_CLK, CLK_OUT1,
GPIO4
24
I/O
GPIO4,
ADC2_CH0,
RTC_GPIO10, TOUCH0,
EMAC_TX_ER,
HSPIHD,
HS2_DATA1, SD_DATA1
VDD_SDIO
GPIO16
25
I/O
GPIO16, HS1_DATA4,
U2RXD,
EMAC_CLK_OUT
VDD_SDIO
26
P
Output power supply: 1.8 V or the same voltage as VDD3P3_RTC
GPIO17
27
I/O
GPIO17, HS1_DATA5,
U2TXD,
EMAC_CLK_OUT_180
SD_DATA_2
28
I/O
GPIO9,
HS1_DATA2,
U1RXD,
SD_DATA2,
SPIHD
SD_DATA_3
29
I/O
GPIO10, HS1_DATA3,
U1TXD,
SD_DATA3,
SPIWP
SD_CMD
30
I/O
GPIO11, HS1_CMD,
U1RTS,
SD_CMD,
SPICS0
SD_CLK
31
I/O
GPIO6,
HS1_CLK,
U1CTS,
SD_CLK,
SPICLK
SD_DATA_0
32
I/O
GPIO7,
HS1_DATA0,
U2RTS,
SD_DATA0,
SPIQ
SD_DATA_1
33
I/O
GPIO8,
HS1_DATA1,
U2CTS,
SD_DATA1,
SPID
VDD3P3_CPU
GPIO5
34
I/O
GPIO5,
HS1_DATA6,
VSPICS0,
EMAC_RX_CLK
GPIO18
35
I/O
GPIO18, HS1_DATA7,
VSPICLK
GPIO23
36
I/O
GPIO23, HS1_STROBE, VSPID
VDD3P3_CPU
37
P
Input power supply for CPU IO (1.8 V
∼ 3.6 V)
GPIO19
38
I/O
GPIO19, U0CTS,
VSPIQ,
EMAC_TXD0
GPIO22
39
I/O
GPIO22, U0RTS,
VSPIWP,
EMAC_TXD1
U0RXD
40
I/O
GPIO3,
U0RXD,
CLK_OUT2
U0TXD
41
I/O
GPIO1,
U0TXD,
CLK_OUT3,
EMAC_RXD2
GPIO21
42
I/O
GPIO21,
VSPIHD,
EMAC_TX_EN
Analog
VDDA
43
P
Analog power supply (2.3 V
∼ 3.6 V)
XTAL_N
44
O
External crystal output
XTAL_P
45
I
External crystal input
VDDA
46
P
Analog power supply (2.3 V
∼ 3.6 V)
CAP2
47
I
Connects to a 3 nF capacitor and 20 kΩ resistor in parallel to CAP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com