Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1502P Datasheet(PDF) 1 Page - Belden Inc.

Part # 1502P
Description  Multi-Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1502P Datasheet(HTML) 1 Page - Belden Inc.

  1502P Datasheet HTML 1Page - Belden Inc. 1502P Datasheet HTML 2Page - Belden Inc. 1502P Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
22 AWG stranded (7x30) TC conductors, plenum, foam FEP insulation (data), STP w/Beldfoil®, 18 AWG
(16x30) TC conductors unshielded, polypropylene binder tape, Flamarrest® insulation (power),
Flamarrest® jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors # Pairs AWG Stranding Conductor Material
2
1
22
7x30
TC - Tinned Copper
1
18
16x30
TC - Tinned Copper
Total Number of Conductors:
4
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Wall Thickness (mm) AWG
FFEP - Foam Fluorinated Ethylene Propylene 0.635
22
Flamarrest®
LS PVC - Low Smoke Polyvinyl Chloride
0.279
18
Inner Shield
Inner Shield Material:
Layer #
Inner Shield Trade Name Type Inner Shield Material
Coverage (%) Stranding Dia. (mm) Conductor Material
22 AWG Pair Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
24
Inner Shield Drain Wire Stranding:
7x32
Inner Shield Drain Wire Conductor Material:
TC - Tinned Copper
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Trade Name Outer Jacket Material
Flamarrest®
LS PVC - Low Smoke Polyvinyl Chloride
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Nominal Diameter:
5.207 mm
Pair
Pair Color Code Chart:
Number Color
1
Blue & White
2
Red & Black
Page 1 of 3
11-08-2019
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1502P Multi-Conductor - Multimedia Control Cable


Similar Part No. - 1502P

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1502 3M-1502 Datasheet
176Kb / 2P
Venture Tape™ Metallized Cloth Duct
Apr-2015
logo
Marathon Special Produc...
1502 MARATHON-1502 Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
logo
List of Unclassifed Man...
1502-1 ETC2-1502-1 Datasheet
439Kb / 1P
TURRET TERMINALS
1502-2 ETC2-1502-2 Datasheet
439Kb / 1P
TURRET TERMINALS
1502-3 ETC2-1502-3 Datasheet
439Kb / 1P
TURRET TERMINALS
More results

Similar Description - 1502P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5102UE ETC2-5102UE Datasheet
95Kb / 2P
Multi-Conductor - Commercial Applications
logo
Belden Inc.
23509 BELDEN-23509 Datasheet
109Kb / 2P
23509 Multi-Conductor - 300V ACIC Armored Cable
11-09-2012
23527 BELDEN-23527 Datasheet
109Kb / 2P
23509 Multi-Conductor - 300V ACIC Armored Cable
OSP6AU BELDEN-OSP6AU Datasheet
256Kb / 3P
Multi-Conductor - Category 6A Outside Plant Cable
773105T BELDEN-773105T Datasheet
100Kb / 3P
Multi-Conductor - EIA Industrial RS-485 PLTC/CMG
1192A BELDEN-1192A Datasheet
101Kb / 3P
Multi-Conductor
1502SB BELDEN-1502SB Datasheet
105Kb / 3P
Multi-Conductor
1503A BELDEN-1503A Datasheet
100Kb / 3P
Multi-Conductor
8412 BELDEN-8412 Datasheet
98Kb / 2P
8412 Multi-Conductor - Two-Conductor, Low-Impedance Cable
01-05-2017
8451 BELDEN-8451_V01 Datasheet
99Kb / 3P
8451 Multi-Conductor - Single-Pair Cable
08-26-2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com