Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZ Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # LCZ
Description  Hall-effect Zero Speed Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LCZ Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  LCZ Datasheet HTML 1Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 2Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 3Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.honeywell.com/sensing
Table 1. Sensor Specifications
Characteristic
Minimum
Maximum
Unit
Condition
Supply voltage
4.5
26
Vdc
–
Supply current
–
20
mA
load = infinity, Vcc = 26
Reverse polarity
30
–
Vdc
–
Output sinking
–
20
mA
0.4 V max. short circuit protected
Voltage low
–
0.4
V
at 30 mA max. sink
Voltage high
–
30
Vdc
–
Duty cycle
20
80
%
within operating gap
Operating frequency
0
15 k
Hz
no orientation required
Output signal rise/fall time
–
4.0
µs
880 Ohm, 20 pF
Dielectric strength
200
–
Vac
<2 mA leakage
Operation gap
–
–
–
at gaps below curve (see Figure 3)
Output impedance
4.7
5.3
kOhm
–
Operating temperature range
-40 [-40]
125 [257]
°C [°F]
–
Storage temperature
–
125 [257]
°C [°F]
–
Sealing
IP68
Shock
50 G, 11 ms
–
Vibration
15 G, 10 Hz to 2000 Hz
–
Housing material
stainless steel
–
Weight
see Figure 1
–
Figure 1. Mounting Dimensions (For reference only: mm/[in])
A
B
THREE CONDUCTOR
24 AWG CABLE
1753
[69]
7,9
[0.31]
25,4
[1.00]
C
Catalog Listing
Thread Length (A)
Thread Type (B)
Flats (C)
Max. Mounting
Torque
Weight
LCZ260
LCZ260-30
LCZ460
LCZ460-30
50,8 mm [2.00 in]
76,2 mm [3.00 in]
50,8 mm [2.00 in]
76,2 mm [3.00 in]
3/8-24UNF-2A
3/8-24UNF-2A
5/8-18UNF-2A
5/8-18UNF-2A
7,9 mm [0.312 in]
7,9 mm [0.312 in]
14,3 mm [0.562 in]
14,3 mm [0.562 in]
4,1 [36 in lb]
4,1 [36 in lb]
27,1 N m [240 in lb]
27,1 N m [240 in lb]
59,5 g [2.1 oz]
68,0 g [2.4 oz]
104,9 [3.7 oz]
136,1 g [4.8 oz]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com