Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZ Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # LCZ
Description  Hall-effect Zero Speed Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LCZ Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  LCZ Datasheet HTML 1Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 2Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 3Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The LCZ Series Hall-effect Zero Speed Sensors provide a
durable, cost-effective solution in most harsh environments.
The sensor is available in 9,5 mm [3/8 in/0.375 in] and
15,9 mm [5/8 in/0.625 in] diameters, in both 50,8 mm [2.00 in]
and 76,2 mm [3.00 in] lengths.
The stainless steel package is simple to install and adjust. It
does not require rotational orientation.
FEATURES
Low cost
Omni-directional sensor to target orientation
Digital output
Small size
Low power consumption
POTENTIAL APPLICATIONS
Industrial process control
Factory automation
Rotary applications, such as:
–
Pumps
–
Rollers
–
Mixers
–
Fan speed measurement
–
Transmission
–
Spindles
–
Gear reducer RPM
–
Process speed
–
Synchronization
–
Generator set
–
Compressor speed
–
Dyno testing


Similar Part No. - LCZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LCZM LINER-LCZM Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LCZN LINER-LCZN Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LCZP LINER-LCZP Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
More results

Similar Description - LCZ

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3046 ALLEGRO-3046 Datasheet
136Kb / 8P
HALL EFFECT GEAR-TOOTH SENSORS ZERO SPEED
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS660LSB ALLEGRO-ATS660LSB_06 Datasheet
193Kb / 17P
True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
May 1, 2006
logo
Infineon Technologies A...
TLE4955C INFINEON-TLE4955C Datasheet
802Kb / 21P
Differential Hall Effect Transmission Speed Sensors
Version 1.0 2016-06-15
TLE4955C-E4 INFINEON-TLE4955C-E4 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
TLE4955C-E2 INFINEON-TLE4955C-E2 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
logo
Littelfuse
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
Hall Effect Sensors
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
Hall Effect Sensors
logo
Infineon Technologies A...
TLE4955C-E41184 INFINEON-TLE4955C-E41184 Datasheet
991Kb / 22P
Differential Hall Effect Transmission Speed Sensors
Version 1.01 2018-03-25
TLE4953X INFINEON-TLE4953X Datasheet
1Mb / 21P
Differential Hall Effect Transmission Speed Sensors
Version 4.1, 2018-01-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com