Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZ Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # LCZ
Description  Hall-effect Zero Speed Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LCZ Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  LCZ Datasheet HTML 1Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 2Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 3Page - Honeywell Solid State Electronics Center LCZ Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Honeywell Sensing and Control
3
Figure 2. Equivalent Electrical Schematic
Red
Power
Supply (+)
Signal
Output
Common
Shield
(NC)
White
Black
5 kOhm
Sensor
Figure 3. Air Gap Performance Curve
4
8
12
16
20
24
28
32
Gear Pitch
0.020
0.040
0.060
0.080
0.120
0
36
0.100
40
44
48
0.140
0.160
Figure 4. Target Motion



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com