Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C331MNTD32A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C331MNTD32A
Description  3.3V 1M x 32/36 Pipelined SRAM with NTD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MNTD32A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C331MNTD32A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
December 2004
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C331MNTD32A
AS7C331MNTD36A
12/23/04, V 1.6
Alliance Semiconductor
P. 1 of 18
3.3V 1M × 32/36 Pipelined SRAM with NTDTM
Features
• Organization: 1,048,576 words × 32 or 36 bits
•NTDarchitecture for efficient bus operation
• Fast clock speeds to 200 MHz
• Fast clock to data access: 3.2/3.5/3.8 ns
• Fast OE access time: 3.2/3.5/3.8 ns
• Fully synchronous operation
• Asynchronous output enable control
• Available in 100-pin TQFP packages
• Byte write enables
• Clock enable for operation hold
• Multiple chip enables for easy expansion
• 3.3V core power supply
• 2.5V or 3.3V I/O operation with separate VDDQ
• Self-timed write cycles
• Interleaved or linear burst modes
• Snooze mode for standby operation
Logic block diagram
Selection guide
-200
-166
-133
Units
Minimum cycle time
5
6
7.5
ns
Maximum clock frequency
200
166
133
MHz
Maximum clock access time
3.2
3.5
3.8
ns
Maximum operating current
450
400
350
mA
Maximum standby current
170
150
140
mA
Maximum CMOS standby current (DC)
90
90
90
mA
Address
D
Q
CLK
register
Output
Register
DQ[a,b,c,d]
20
20
CLK
CE0
CE1
CE2
A[19:0]
OE
CLK
CEN
Control
CLK
logic
Data
D
Q
CLK
Input
Register
32/36
32/36
OE
1M x 32/36
SRAM
Array
R/W
DQ[a,b,c,d]
BWb
BWd
CLK
Q
D
ADV / LD
LBO
Burst logic
addr. registers
Write delay
20
ZZ
CLK
32/36
32/36
32/36
32/36
BWc
BWa


Similar Part No. - AS7C331MNTD32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
3.3V 1M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A-133TQC ALSC-AS7C331MNTD18A-133TQC Datasheet
424Kb / 18P
3.3V 1M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A-133TQCN ALSC-AS7C331MNTD18A-133TQCN Datasheet
424Kb / 18P
3.3V 1M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A-133TQI ALSC-AS7C331MNTD18A-133TQI Datasheet
424Kb / 18P
3.3V 1M x 18 Pipelined SRAM with NTD
AS7C331MNTD18A-133TQIN ALSC-AS7C331MNTD18A-133TQIN Datasheet
424Kb / 18P
3.3V 1M x 18 Pipelined SRAM with NTD
More results

Similar Description - AS7C331MNTD32A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C251MNTD32A ALSC-AS7C251MNTD32A Datasheet
436Kb / 18P
2.5V 1M x 32/36 Pipelined SRAM with NTD
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
2.5V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTD18A ALSC-AS7C331MNTD18A Datasheet
424Kb / 18P
3.3V 1M x 18 Pipelined SRAM with NTD
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MPFD32A ALSC-AS7C331MPFD32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C331MPFS32A ALSC-AS7C331MPFS32A Datasheet
525Kb / 19P
3.3V 1M x 32/36 pipelined burst synchronous SRAM
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C25512NTD32A ALSC-AS7C25512NTD32A Datasheet
428Kb / 18P
2.5V 512K x 32/36 Pipelined SRAM with NTD
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
3.3V 128Kx32/36 Pipelined SRAM with NTD
AS7C33512NTD32A ALSC-AS7C33512NTD32A Datasheet
425Kb / 18P
3.3V 512K x 32/36 Pipelined SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com