Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C331MNTD32A Datasheet(PDF) 15 Page - Alliance Semiconductor Corporation

Part # AS7C331MNTD32A
Description  3.3V 1M x 32/36 Pipelined SRAM with NTD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MNTD32A Datasheet(HTML) 15 Page - Alliance Semiconductor Corporation

Back Button AS7C331MNTD32A Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 17Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 18Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
®
12/23/04, V 1.6
Alliance Semiconductor
P. 15 of 18
AS7C331MNTD32A
AS7C331MNTD36A
AC test conditions
Notes
1) For test conditions, see “AC test conditions”, Figures A, B, and C
2) This parameter measured with output load condition in Figure C.
3) This parameter is sampled, but not 100% tested.
4) tHZOE is less than tLZOE, and tHZC is less than tLZC at any given temperature and voltage.
5) tCH is measured high above VIH, and tCL is measured low below VIL
6) This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK. All other synchronous inputs must
meet the setup and hold times with stable logic levels for all rising edges of CLK when chip is enabled.
7) Write refers to R/W and BW[a,b,c,d]
.
8) Chip select refers to CE0, CE1, and CE2.
• Output load: For tLZC, tLZOE, tHZOE, and tHZC, see Figure C. For all others, see Figure B.
• Input pulse level: GND to 3V. See Figure A.
• Input rise and fall time (measured at 0.3V and 2.7V): 2 ns. See Figure A.
• Input and output timing reference levels: 1.5V.
DOUT
50
Ω
Figure B: Output load (A)
30 pF*
Figure A: Input waveform
10%
90%
GND
90%
10%
+3.0V
VL = 1.5V
for 3.3V I/O;
= VDDQ/2
for 2.5V I/O
Thevenin equivalent:
353
Ω/1538Ω
5 pF*
319
Ω/1667Ω
DOUT
GND
Figure C: Output load(B)
*including scope
and jig capacitance
+3.3V for 3.3V I/O;
/+2.5V for 2.5V I/O
7
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com