Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C331MNTD32A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C331MNTD32A
Description  3.3V 1M x 32/36 Pipelined SRAM with NTD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MNTD32A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C331MNTD32A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MNTD32A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
®
12/23/04, V 1.6
Alliance Semiconductor
P. 4 of 18
AS7C331MNTD32A
AS7C331MNTD36A
Functional description
The AS7C331MNTD32A/36A family is a high performance CMOS 32 Mbit Synchronous Static Random Access Memory (SRAM)
organized as 1,048,576 words × 32 or 36 bits and incorporates a LATE LATE Write.
This variation of the 32Mb synchronous SRAM uses the No Turnaround Delay (NTD) architecture, featuring an enhanced write operation
that improves bandwidth over pipelined burst devices. In a normal pipelined burst device, the write data, command, and address are all
applied to the device on the same clock edge. If a read command follows this write command, the system must wait for two 'dead' cycles for
valid data to become available. These dead cycles can significantly reduce overall bandwidth for applications requiring random access or
read-modify-write operations.
NTDdevices use the memory bus more efficiently by introducing a write latency which matches the two-cycle pipelined or one-cycle
flow-through read latency. Write data is applied two cycles after the write command and address, allowing the read pipeline to clear. With
NTD, write and read operations can be used in any order without producing dead bus cycles.
Assert R/W low to perform write cycles. Byte write enable controls write access to specific bytes, or can be tied low for full 32/36 bit writes.
Write enable signals, along with the write address, are registered on a rising edge of the clock. Write data is applied to the device two clock
cycles later. Unlike some asynchronous SRAMs, output enable OE does not need to be toggled for write operations; it can be tied low for
normal operations. Outputs go to a high impedance state when the device is de-selected by any of the three chip enable inputs. In pipelined
mode, a two cycle deselect latency allows pending read or write operations to be completed.
Use the ADV (burst advance) input to perform burst read, write and deselect operations. When ADV is high, external addresses, chip select, R/W
pins are ignored, and internal address counters increment in the count sequence specified by the LBO control. Any device operations, including
burst, can be stalled using the CEN=1, the clock enable input.
The AS7C331MNTD32A/36A operates with a 3.3V ± 5% power supply for the device core (VDD). DQ circuits use a separate power supply
(VDDQ) that operates across 3.3V or 2.5V ranges. These devices are available in a 100-pin TQFP.
TQFP Capacitance
*Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Test conditions
Min
Max
Unit
Input capacitance
CIN*
Vin = 0V
-
5
pF
I/O capacitance
CI/O*
Vin = Vout = 0V
-
7
pF
Description
Conditions
Symbol
Typical
Units
Thermal resistance
(junction to ambient)1
1 This parameter is sampled
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA/JESD51
1–layer
θJA
40
°C/W
4–layer
θJA
22
°C/W
Thermal resistance
(junction to top of case)1
θJC
8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com